Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDS6912A Datasheet (PDF) - Fairchild Semiconductor

FDS6912A Datasheet PDF - Fairchild Semiconductor
Part # FDS6912A
Download  FDS6912A Download

File Size   222.94 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual N-Channel, Logic Level, PowerTrenchTM MOSFET

FDS6912A Datasheet (PDF)

Go To PDF Page Download Datasheet
FDS6912A Datasheet PDF - Fairchild Semiconductor

Part # FDS6912A
Download  FDS6912A Click to download

File Size   222.94 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual N-Channel, Logic Level, PowerTrenchTM MOSFET

FDS6912A Datasheet (HTML) - Fairchild Semiconductor

FDS6912A Datasheet HTML 1Page - Fairchild Semiconductor FDS6912A Datasheet HTML 2Page - Fairchild Semiconductor FDS6912A Datasheet HTML 3Page - Fairchild Semiconductor FDS6912A Datasheet HTML 4Page - Fairchild Semiconductor

FDS6912A Product details

General Description
These N-Channel Logic Level MOSFETs are produced using Fairchild Semiconductor’s advanced PowerTrench process that has been especially tailored to minimize the on-state resistance and yet maintain superior switching performance.
These devices are well suited for low voltage and battery powered applications where low in-line power loss and fast switching are required.

Features
• 6 A, 30 V. RDS(ON) = 28 mW @ VGS = 10 V
                 RDS(ON) = 35 mW @ VGS = 4.5 V
• Fast switching speed
• Low gate charge
• High performance trench technology for extremely low RDS(ON)
• High power and current handling capability




Similar Part No. - FDS6912A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A Datasheet
121Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS6912A UMW-FDS6912A Datasheet
387Kb / 6P
   30V Dual N-Channel MOSFET
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A_03 Datasheet
121Kb / 5P
   Dual N-Channel Logic Level PowerTrench MOSFET
More results


Similar Description - FDS6912A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC6561AN FAIRCHILD-FDC6561AN Datasheet
256Kb / 8P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6930A FAIRCHILD-FDS6930A Datasheet
195Kb / 8P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6961A FAIRCHILD-FDS6961A Datasheet
241Kb / 8P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com