Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDW2508 Datasheet (PDF) - Fairchild Semiconductor

FDW2508 Datasheet PDF - Fairchild Semiconductor
Part # FDW2508
Download  FDW2508 Download

File Size   135.26 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual P-Channel 1.8 V Specified PowerTrench MOSFET

FDW2508 Datasheet (PDF)

Go To PDF Page Download Datasheet
FDW2508 Datasheet PDF - Fairchild Semiconductor

Part # FDW2508
Download  FDW2508 Click to download

File Size   135.26 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Dual P-Channel 1.8 V Specified PowerTrench MOSFET

FDW2508 Datasheet (HTML) - Fairchild Semiconductor

FDW2508 Datasheet HTML 1Page - Fairchild Semiconductor FDW2508 Datasheet HTML 2Page - Fairchild Semiconductor FDW2508 Datasheet HTML 3Page - Fairchild Semiconductor FDW2508 Datasheet HTML 4Page - Fairchild Semiconductor FDW2508 Datasheet HTML 5Page - Fairchild Semiconductor

FDW2508 Product details

General Description
This P-Channel –1.8V specified MOSFET uses Fairchild’s advanced low voltage PowerTrench process. It has been optimized for battery power management applications.

Features
• –6 A, –12 V. RDS(ON) = 18 mΩ @ VGS = –4.5 V RDS(ON) = 22 mΩ @ VGS = –2.5 V RDS(ON) = 30 mΩ @ VGS = –1.8 V
• Low gate charge(26nC typical)
• High performance trench technology for extremely low RDS(ON)
• Low profile TSSOP-8 package

Applications
• Power management
• Load switch
• Battery protection




Similar Part No. - FDW2508

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2508PB FAIRCHILD-FDW2508PB Datasheet
450Kb / 6P
   FDW2508PB Dual P-Channel -1.8V Specified PowerTrench MOSFET -12V, -6A, 18mohm
More results


Similar Description - FDW2508

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDJ127P FAIRCHILD-FDJ127P Datasheet
172Kb / 5P
   P-Channel -1.8 Vgs Specified PowerTrench MOSFET
FDY1002PZ FAIRCHILD-FDY1002PZ Datasheet
257Kb / 7P
   Dual P-Channel (-1.5 V) Specified PowerTrench MOSFET
FDC6306P FAIRCHILD-FDC6306P Datasheet
235Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench??MOSFET
USB10H FAIRCHILD-USB10H Datasheet
241Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502P FAIRCHILD-FDW2502P_03 Datasheet
145Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2504P FAIRCHILD-FDW2504P_02 Datasheet
121Kb / 5P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDC6312P FAIRCHILD-FDC6312P Datasheet
88Kb / 5P
   Dual P-Channel 1.8V PowerTrench Specified MOSFET
SI9934DY FAIRCHILD-SI9934DY Datasheet
52Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDW2502PZ FAIRCHILD-FDW2502PZ Datasheet
87Kb / 6P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
FDS9933 FAIRCHILD-FDS9933 Datasheet
94Kb / 3P
   Dual P-Channel 2.5V Specified PowerTrench MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com