Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDZ202P Datasheet (PDF) - Fairchild Semiconductor

FDZ202P Datasheet PDF - Fairchild Semiconductor
Part # FDZ202P
Download  FDZ202P Download

File Size   35.45 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET

FDZ202P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDZ202P Datasheet PDF - Fairchild Semiconductor

Part # FDZ202P
Download  FDZ202P Click to download

File Size   35.45 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET

FDZ202P Datasheet (HTML) - Fairchild Semiconductor

FDZ202P Datasheet HTML 1Page - Fairchild Semiconductor FDZ202P Datasheet HTML 2Page - Fairchild Semiconductor FDZ202P Datasheet HTML 3Page - Fairchild Semiconductor FDZ202P Datasheet HTML 4Page - Fairchild Semiconductor

FDZ202P Product details

General Description
Combining Fairchild’s advanced 2.5V specified PowerTrench process with state of the art BGA packaging, the FDZ202P minimizes both PCB space and RDS(ON). This BGA MOSFET embodies a breakthrough in packaging technology which enables the device to combine excellent thermal transfer characteristics, high current handling capability, ultralow profile packaging, low gate charge, and low RDS(ON).
   
Features
• –5.5 A, –20 V. RDS(ON) = 45 mΩ @ VGS = –4.5 V
                          RDS(ON) = 75 mΩ @ VGS = –2.5 V
• Occupies only 5 mm2 of PCB area: only 55% of the
    area of SSOT-6
• Ultra-thin package: less than 0.80 mm height when
    mounted to PCB
• Outstanding thermal transfer characteristics:
    4 times better than SSOT-6
• Ultra-low Qg x RDS(ON) figure-of-merit
• High power and current handling capability
   
Applications
• Battery management
• Load switch
• Battery protection
   




Similar Part No. - FDZ202P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ202P FAIRCHILD-FDZ202P Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
FDZ202P FAIRCHILD-FDZ202P_04 Datasheet
169Kb / 6P
   P-Channel 2.5V Specified PowerTrench BGA MOSFET
More results


Similar Description - FDZ202P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2551N FAIRCHILD-FDZ2551N Datasheet
52Kb / 4P
   Dual N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDN336P FAIRCHILD-FDN336P Datasheet
64Kb / 5P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com