Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FIN1022 Datasheet (PDF) - Fairchild Semiconductor

FIN1022 Datasheet PDF - Fairchild Semiconductor
Part # FIN1022
Download  FIN1022 Download

File Size   547.04 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2 X 2 LVDS High Speed Crosspoint Switch

FIN1022 Datasheet (PDF)

Go To PDF Page Download Datasheet
FIN1022 Datasheet PDF - Fairchild Semiconductor

Part # FIN1022
Download  FIN1022 Click to download

File Size   547.04 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 2 X 2 LVDS High Speed Crosspoint Switch

FIN1022 Datasheet (HTML) - Fairchild Semiconductor


FIN1022 Product details

General Description
This non-blocking 2x2 crosspoint switch has a fully differential input to output data path for low noise generation and low pulse width distortion. The device can be used as a high speed crosspoint switch, 2:1 multiplexer, 1:2 demultiplexer or 1:2 signal splitter. The inputs can directly interface with LVDS and LVPECL levels.
   
Features
■ Low jitter, 800 Mbps full differential data path
■ Worst case jitter of 190ps
    with PRBS = 223 − 1 data pattern at 800 Mbps
■ Rail-to-rail common mode range is 0.5V to 3.25V
■ Worst case power dissipation is less than 126 mW
■ Open-circuit fail safe protection
■ Fast switch time of 1.1 ns typical
■ 35 ps typical pin channel to channel skew
■ 3.3V power supply operation
■ Non-blocking switch
■ LVDS receiver inputs accept LVPECL signals directly
■ 7.5 kV HBM ESD protection
■ 16-lead SOIC package and TSSOP package
■ Inter-operates with TIA/EIA 644-1995 specification
■ See the Fairchild Interface Solutions web page for cross
    reference information:
    www.fairchildsemi.com/products/interface/lvds.html
   




Similar Part No. - FIN1022

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1025MTC FAIRCHILD-FIN1025MTC Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1026MTC FAIRCHILD-FIN1026MTC Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1027 FAIRCHILD-FIN1027 Datasheet
946Kb / 12P
   3.3V LVDS 2-Bit High Speed Differential Driver
More results


Similar Description - FIN1022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP22 TI-SN65LVCP22 Datasheet
472Kb / 17P
[Old version datasheet]   2 X 2 1000 MBPS LVDS CROSSPOINT SWITCH
SN65LVDS122 TI-SN65LVDS122 Datasheet
544Kb / 18P
[Old version datasheet]   1.5-Gbps 2 x 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9152 MAXIM-MAX9152 Datasheet
294Kb / 12P
   800Mbps LVDS/LVPECL-to-LVDS 2 x 2 Crosspoint Switch
19-2003; Rev 0; 4/01
logo
Micrel Semiconductor
SY55854U MICREL-SY55854U_10 Datasheet
238Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U_07 Datasheet
251Kb / 8P
   2 x 2 Protection Crosspoint Switch
SY55854U MICREL-SY55854U Datasheet
40Kb / 7P
   2 X 2 PROTECTION CROSSPOINT SWITCH
SY55854U_1107 MICREL-SY55854U_1107 Datasheet
219Kb / 8P
   2 x 2 Protection Crosspoint Switch
logo
Texas Instruments
SN65LVDS122 TI-SN65LVDS122_07 Datasheet
589Kb / 21P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
SN65LVDS122 TI1-SN65LVDS122_14 Datasheet
931Kb / 23P
[Old version datasheet]   1.5-Gbps 2 쨈 2 LVDS CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX9392 MAXIM-MAX9392 Datasheet
370Kb / 14P
   Anything-to-LVDS Dual 2 x 2 Crosspoint Switches
Rev 0; 8/03
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com