Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD3P50TM Datasheet (PDF) - Fairchild Semiconductor

FQD3P50TM Datasheet PDF - Fairchild Semiconductor
Part # FQD3P50TM
Download  FQD3P50TM Download

File Size   766.8 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 500V P-Channel MOSFET

FQD3P50TM Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD3P50TM Datasheet PDF - Fairchild Semiconductor

Part # FQD3P50TM
Download  FQD3P50TM Click to download

File Size   766.8 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 500V P-Channel MOSFET

FQD3P50TM Datasheet (HTML) - Fairchild Semiconductor

FQD3P50TM Datasheet HTML 1Page - Fairchild Semiconductor FQD3P50TM Datasheet HTML 2Page - Fairchild Semiconductor FQD3P50TM Datasheet HTML 3Page - Fairchild Semiconductor FQD3P50TM Datasheet HTML 4Page - Fairchild Semiconductor FQD3P50TM Datasheet HTML 5Page - Fairchild Semiconductor FQD3P50TM Datasheet HTML 6Page - Fairchild Semiconductor FQD3P50TM Datasheet HTML 7Page - Fairchild Semiconductor FQD3P50TM Datasheet HTML 8Page - Fairchild Semiconductor FQD3P50TM Datasheet HTML 9Page - Fairchild Semiconductor

FQD3P50TM Product details

General Description

These P-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.

This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for electronic lamp ballast based on complimentary half bridge.



Features

• -2.1A, -500V, RDS(on) = 4.9Ω @VGS = -10 V

• Low gate charge ( typical 18 nC)

• Low Crss ( typical 9.5 pF)

• Fast switching

• 100% avalanche tested

• Improved dv/dt capability

• RoHS Compliant



 




Similar Part No. - FQD3P50TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD3P50 FAIRCHILD-FQD3P50 Datasheet
638Kb / 9P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50_09 Datasheet
766Kb / 9P
   500V P-Channel MOSFET
More results


Similar Description - FQD3P50TM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD1P50TF FAIRCHILD-FQD1P50TF Datasheet
696Kb / 9P
   500V P-Channel MOSFET
FQD1P50 FAIRCHILD-FQD1P50 Datasheet
569Kb / 9P
   500V P-Channel MOSFET
FQB1P50 FAIRCHILD-FQB1P50 Datasheet
571Kb / 9P
   500V P-Channel MOSFET
FQB3P50 FAIRCHILD-FQB3P50 Datasheet
645Kb / 9P
   500V P-Channel MOSFET
FQB3P50TM FAIRCHILD-FQB3P50TM Datasheet
651Kb / 9P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50_09 Datasheet
766Kb / 9P
   500V P-Channel MOSFET
FQPF3P50 FAIRCHILD-FQPF3P50 Datasheet
620Kb / 8P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50 Datasheet
638Kb / 9P
   500V P-Channel MOSFET
FQPF1P50 FAIRCHILD-FQPF1P50 Datasheet
564Kb / 8P
   500V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD1P50 KERSEMI-KSMD1P50 Datasheet
1Mb / 8P
   500V P-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com