Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FJX945 Datasheet (PDF) - Fairchild Semiconductor

FJX945 Datasheet PDF - Fairchild Semiconductor
Part # FJX945
Download  FJX945 Download

File Size   48.3 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Audio Frequency Amplifier High Frequency OSC.

FJX945 Datasheet (PDF)

Go To PDF Page Download Datasheet
FJX945 Datasheet PDF - Fairchild Semiconductor

Part # FJX945
Download  FJX945 Click to download

File Size   48.3 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Audio Frequency Amplifier High Frequency OSC.

FJX945 Datasheet (HTML) - Fairchild Semiconductor

FJX945 Datasheet HTML 1Page - Fairchild Semiconductor FJX945 Datasheet HTML 2Page - Fairchild Semiconductor FJX945 Datasheet HTML 3Page - Fairchild Semiconductor FJX945 Datasheet HTML 4Page - Fairchild Semiconductor

FJX945 Product details

Audio Frequency Amplifier High Frequency OSC.

• Collector-Base Voltage VCBO=60V
• High Current Gain Bandwidth Product fT=300MHz (Typ)
• Complement to FJX733




Similar Part No. - FJX945

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FJX945 ONSEMI-FJX945 Datasheet
161Kb / 6P
   Audio Frequency Amplifier High Frequency OSC.
Rev. B2, April 2004
More results


Similar Description - FJX945

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC945YTA FAIRCHILD-KSC945YTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
logo
ON Semiconductor
FJX945 ONSEMI-FJX945 Datasheet
161Kb / 6P
   Audio Frequency Amplifier High Frequency OSC.
Rev. B2, April 2004
logo
Fairchild Semiconductor
KSC945CYTA FAIRCHILD-KSC945CYTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
FJZ945 FAIRCHILD-FJZ945 Datasheet
217Kb / 5P
   Audio Frequency Amplifier & High Frequency OSC.
KSC3114 FAIRCHILD-KSC3114 Datasheet
25Kb / 3P
   Audio Frequency Amplifier High Frequency OSC.
KSC945 FAIRCHILD-KSC945 Datasheet
42Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
KSC945YBU FAIRCHILD-KSC945YBU Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC.
KSC2785YTA FAIRCHILD-KSC2785YTA Datasheet
43Kb / 4P
   Audio Frequency Amplifier & High Frequency OSC.
KSC945CLTA FAIRCHILD-KSC945CLTA Datasheet
48Kb / 4P
   Audio Frequency Amplifier High Frequency OSC
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com