Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM24C256 Datasheet (PDF) - Fairchild Semiconductor

FM24C256 Datasheet PDF - Fairchild Semiconductor
Part # FM24C256
Download  FM24C256 Download

File Size   89.12 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect

FM24C256 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM24C256 Datasheet PDF - Fairchild Semiconductor

Part # FM24C256
Download  FM24C256 Click to download

File Size   89.12 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 256 KBit 2-Wire Bus Interface Serial EEPROM with Write Protect

FM24C256 Datasheet (HTML) - Fairchild Semiconductor

Back Button FM24C256 Datasheet HTML 1Page - Fairchild Semiconductor FM24C256 Datasheet HTML 2Page - Fairchild Semiconductor FM24C256 Datasheet HTML 3Page - Fairchild Semiconductor FM24C256 Datasheet HTML 4Page - Fairchild Semiconductor FM24C256 Datasheet HTML 5Page - Fairchild Semiconductor FM24C256 Datasheet HTML 6Page - Fairchild Semiconductor FM24C256 Datasheet HTML 7Page - Fairchild Semiconductor FM24C256 Datasheet HTML 8Page - Fairchild Semiconductor FM24C256 Datasheet HTML 9Page - Fairchild Semiconductor FM24C256 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FM24C256 Product details

General Description
The FM24C256/C256L/C256LZ devices are 256 Kbits CMOS nonvolatile electrically erasable memory. These devices offer the designer different low voltage and low power options. They conform to all requirements in the Extended IIC 2-wire protocol. Furthermore, they are designed to minimize device pin count and simplify PC board layout requirements.

Features
■ Extended Operating Voltages
    — C256: 4.5V - 5.5V
    — C256L: 2.7V - 5.5V
    — C256LZ: 2.7V - 5.5V
■ Low Power CMOS
    — 1mA active current typical
    — C256/C256L: 10µA standby current typical
    — C256LZ: less than 1µA standby current
■ 2-wire IIC serial interface
■ 64 byte page write mode
■ Max write cycle time of 6ms byte/page
■ 40 years data retention
■ Endurance: 100,000 data changes
■ Hardware write protect for entire array
■ Schmitt trigger inputs for noise suppression
■ Electrostatic discharge protection > 4000V
■ 8-pin DIP and 8-pin SO (150 mil) packages. Contact factory for CSP package availability




Similar Part No. - FM24C256

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FM24C256 ETC1-FM24C256 Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256 RAMTRON-FM24C256 Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
FM24C256-G RAMTRON-FM24C256-G Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C256-SE ETC1-FM24C256-SE Datasheet
102Kb / 13P
   256Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C256-SE RAMTRON-FM24C256-SE Datasheet
98Kb / 12P
   256Kb FRAM Serial Memory
More results


Similar Description - FM24C256

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM24C32U FAIRCHILD-NM24C32U Datasheet
89Kb / 12P
   32K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65U FAIRCHILD-NM24C65U Datasheet
89Kb / 11P
   64K-Bit Serial EEPROM with Write Protect 2-Wire Bus Interface
NM24C65 FAIRCHILD-NM24C65 Datasheet
86Kb / 11P
   64K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
NM24C32 FAIRCHILD-NM24C32 Datasheet
87Kb / 12P
   32K-Bit Extended 2-Wire Bus Interface Serial EEPROM with Write Protect
logo
Microchip Technology
34AA02 MICROCHIP-34AA02_V01 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
logo
Fairchild Semiconductor
FM34W02U FAIRCHILD-FM34W02U Datasheet
95Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
NM34W02 FAIRCHILD-NM34W02 Datasheet
93Kb / 12P
   2K-Bit Standard 2-Wire Bus Interface Serial EEPROM with Full Array Write Protect
logo
ATMEL Corporation
AT34C02 ATMEL-AT34C02 Datasheet
184Kb / 12P
   2-Wire Serial EEPROM with Permanent Software Write Protect
logo
STMicroelectronics
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
   256-Kbit serial I짼C bus EEPROM
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
   256-Kbit serial I짼C bus EEPROM
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com