Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBL1G200US60 Datasheet (PDF) - Fairchild Semiconductor

FMBL1G200US60 Datasheet PDF - Fairchild Semiconductor
Part # FMBL1G200US60
Download  FMBL1G200US60 Download

File Size   699.75 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Molding Type Module

FMBL1G200US60 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMBL1G200US60 Datasheet PDF - Fairchild Semiconductor

Part # FMBL1G200US60
Download  FMBL1G200US60 Click to download

File Size   699.75 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Molding Type Module

FMBL1G200US60 Datasheet (HTML) - Fairchild Semiconductor

FMBL1G200US60 Datasheet HTML 1Page - Fairchild Semiconductor FMBL1G200US60 Datasheet HTML 2Page - Fairchild Semiconductor FMBL1G200US60 Datasheet HTML 3Page - Fairchild Semiconductor FMBL1G200US60 Datasheet HTML 4Page - Fairchild Semiconductor FMBL1G200US60 Datasheet HTML 5Page - Fairchild Semiconductor FMBL1G200US60 Datasheet HTML 6Page - Fairchild Semiconductor FMBL1G200US60 Datasheet HTML 7Page - Fairchild Semiconductor FMBL1G200US60 Datasheet HTML 8Page - Fairchild Semiconductor FMBL1G200US60 Datasheet HTML 9Page - Fairchild Semiconductor

FMBL1G200US60 Product details

General Description
Fairchild’s Insulated Gate Bipolar Transistor (IGBT) power modules provide low conduction and switching losses as well as short circuit ruggedness. They are designed for applications such as motor control, uninterrupted power supplies (UPS) and general inverters where short circuit ruggedness is a required feature.

Features
• UL Certified No. E209204
• Short circuit rated 10us @ TC = 100°C, VGE = 15V
• High speed switching
• Low saturation voltage : VCE(sat) = 2.2 V @ IC = 200A
• High input impedance
• Fast & soft anti-parallel FWD

Application
• Boost (Step Up) Converter




Similar Part No. - FMBL1G200US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMBL1G300US60 FAIRCHILD-FMBL1G300US60 Datasheet
693Kb / 9P
   Molding Type Module
More results


Similar Description - FMBL1G200US60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
   Molding Type Module
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
FMG2G400US60 FAIRCHILD-FMG2G400US60 Datasheet
568Kb / 7P
   Molding Type Module
FM2G300US60 FAIRCHILD-FM2G300US60 Datasheet
696Kb / 9P
   Molding Type Module
FMG1G75US60L FAIRCHILD-FMG1G75US60L Datasheet
656Kb / 9P
   Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com