Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S6015L53 Datasheet (PDF) - Littelfuse

S6015L53 Datasheet PDF - Littelfuse
Part # S6015L53
Download  S6015L53 Download

File Size   218.54 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description High voltage capability ??200 V to 1000 V

S6015L53 Datasheet (PDF)

Go To PDF Page Download Datasheet
S6015L53 Datasheet PDF - Littelfuse

Part # S6015L53
Download  S6015L53 Click to download

File Size   218.54 Kbytes
Page   12 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description High voltage capability ??200 V to 1000 V

S6015L53 Datasheet (HTML) - Littelfuse

Back Button S6015L53 Datasheet HTML 1Page - Littelfuse S6015L53 Datasheet HTML 2Page - Littelfuse S6015L53 Datasheet HTML 3Page - Littelfuse S6015L53 Datasheet HTML 4Page - Littelfuse S6015L53 Datasheet HTML 5Page - Littelfuse S6015L53 Datasheet HTML 6Page - Littelfuse S6015L53 Datasheet HTML 7Page - Littelfuse S6015L53 Datasheet HTML 8Page - Littelfuse S6015L53 Datasheet HTML 9Page - Littelfuse S6015L53 Datasheet HTML 10Page - Littelfuse Next Button 

S6015L53 Product details

General Description
The Teccor line of thyristor SCR semi-conductors are half-wave, unidirectional, gate-controlled rectifiers which complement Teccors line of sensitive SCRs. Teccor offers devices with ratings of 1 A to 70 A and 200 V to 1000 V, with gate sensitivities from 10 mA to 50 mA. If gate currents in the 12 µA to 500 µA ranges are required, see “Sensitive SCRs” section of this catalog.
Three packages are offered in electrically isolated construction where the case or tab is internally isolated to allow the use of low-cost assembly and convenient packaging techniques. The Teccor line of SCRs features glass-passivated junctions to ensure long-term reliability and parameter stability. Teccor’s glass offers a rugged, reliable barrier against junction contamination.
Variations of devices covered in this data sheet are available for custom design applications. Consult the factory for more information.

Features
• RoHS Compliant
• Electrically-isolated package
• High voltage capability — 200 V to 1000 V
• High surge capability — up to 950 A
• Glass-passivated chip

Compak SCR
• Surface mount package — 1 A series
• New small profile three-leaded Compak package
• Packaged in embossed carrier tape with 2,500 devices per reel
• Can replace SOT-223




Similar Part No. - S6015L53

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S6015L52 LITTELFUSE-S6015L52 Datasheet
218Kb / 12P
   Electrically-isolated package
More results


Similar Description - S6015L53

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STHV64SW STMICROELECTRONICS-STHV64SW Datasheet
2Mb / 3P
   64-channel (±100 V / -200 to 0 V / 0 to 200 V), low harmonic distortion, high voltage analog independent switches
March 2019 Rev 1
logo
Rugao Dachang Electroni...
MB2S DACHANG-MB2S Datasheet
118Kb / 2P
   Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.5A
ABS2 DACHANG-ABS2 Datasheet
135Kb / 2P
   Surface Mount Bridge-Rectifier Reverse Voltage 200 to 1000 V Forward Current 1.0A
logo
New Jersey Semi-Conduct...
2N2326 NJSEMI-2N2326 Datasheet
94Kb / 1P
   SCR, V(DRM) = 200 V TO 299.9 V
logo
Rugao Dachang Electroni...
MB2M DACHANG-MB2M Datasheet
138Kb / 2P
   Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000 V Forward Current 0.8A
logo
EPCOS
B597XXB EPCOS-B597XXB Datasheet
106Kb / 6P
   Leaded Disks, Uncoated, 380 V to 1000 V
logo
List of Unclassifed Man...
MB1F ETC-MB1F Datasheet
462Kb / 3P
   VOLTAGE RANGE - 100 to 1000 V CURRENT - 0.8 A
logo
First Silicon Co., Ltd
S2AF FS-S2AF Datasheet
552Kb / 2P
   Reverse Voltage - 50 to 1000 V , Forward Current - 2A
logo
DAESAN ELECTRONIC CORP.
1N4942G DAESAN-1N4942G Datasheet
320Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 200 to 1000 Volts
logo
Solid States Devices, I...
SFT6925A SSDI-SFT6925A Datasheet
220Kb / 2P
    NPN HIGH VOLTAGE HIGH SPEED TRANSISTOR 60 AMPS 1000 V
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com