Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA12003BF-E2 Datasheet (PDF) - Rohm

BA12003BF-E2 Datasheet PDF - Rohm
Part # BA12003BF-E2
Download  BA12003BF-E2 Download

File Size   115.89 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High voltage, high current Darlington transistor array

BA12003BF-E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA12003BF-E2 Datasheet PDF - Rohm

Part # BA12003BF-E2
Download  BA12003BF-E2 Click to download

File Size   115.89 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description High voltage, high current Darlington transistor array

BA12003BF-E2 Datasheet (HTML) - Rohm

BA12003BF-E2 Datasheet HTML 1Page - Rohm BA12003BF-E2 Datasheet HTML 2Page - Rohm BA12003BF-E2 Datasheet HTML 3Page - Rohm BA12003BF-E2 Datasheet HTML 4Page - Rohm BA12003BF-E2 Datasheet HTML 5Page - Rohm BA12003BF-E2 Datasheet HTML 6Page - Rohm BA12003BF-E2 Datasheet HTML 7Page - Rohm

BA12003BF-E2 Product details

The BA12001B, BA12003B, BA12003BF, and BA12004B are high voltage, high current, high sustain voltage transistor arrays consisting of seven circuits of Darlington transistors.
Because it incorporates built-in surge-absorbing diodes and base current-control resistors needed when using inductive loads such as relay coils, attachments can be kept to a minimum.
With an output sustain voltage as high as 60V and an output current (sink current) of 500mA, this product is ideal for use with various drivers and as an interface with other elements.

Features
1) High output current. (IOUT=500mA Max.)
2) High output sustain voltage. (VOUT=50V Max.)
3) Seven Darlington transistors built in.
4) Built-in surge-absorbing clamp diode.
   (Note : Refer to the “Reference items when using in application.” )

Applications
   Drivers for LEDs, lamps, relays and solenoids
   Interface with other elements




Similar Part No. - BA12003BF-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA12003BF-E2 ROHM-BA12003BF-E2 Datasheet
1Mb / 19P
   7 Circuits Darlinton Transistor Array
12.May.2015 Rev.002
More results


Similar Description - BA12003BF-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA12001B ROHM-BA12001B Datasheet
58Kb / 6P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2003AI TI-ULN2003AI Datasheet
303Kb / 14P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Motorola, Inc
MCT1413B MOTOROLA-MCT1413B Datasheet
52Kb / 4P
   High Voltage, High Current Darlington Transistor Array
logo
Rohm
BA12001B ROHM-BA12001B_1 Datasheet
115Kb / 7P
   High voltage, high current Darlington transistor array
logo
Texas Instruments
ULN2001A TI-ULN2001A_07 Datasheet
657Kb / 22P
[Old version datasheet]   HIGH-VOLTAGE HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
UCD2003B TI1-UCD2003B Datasheet
1Mb / 24P
[Old version datasheet]   High-Voltage, High-Current Darlington Transistor Array
ULN2804A TI1-ULN2804A Datasheet
121Kb / 7P
[Old version datasheet]   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Sanyo Semicon Device
LB1231 SANYO-LB1231 Datasheet
81Kb / 4P
   High-Voltage, High- Current Darlington Transistor Array
logo
Unisonic Technologies
ULN2003R UTC-ULN2003R Datasheet
186Kb / 7P
   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
logo
Texas Instruments
ULQ2003A-Q1 TI-ULQ2003A-Q1 Datasheet
235Kb / 11P
[Old version datasheet]   HIGH VOLTAGE HIGH CURRENT DARLINGTON TRANSISTOR ARRAY
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com