Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1002A090SM Datasheet (PDF) - Littelfuse

SL1002A090SM Datasheet PDF - Littelfuse
Part # SL1002A090SM
Download  SL1002A090SM Download

File Size   206.54 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Gas Discharge Tube (GDT) Products SL1002A Series

SL1002A090SM Datasheet (PDF)

Go To PDF Page Download Datasheet
SL1002A090SM Datasheet PDF - Littelfuse

Part # SL1002A090SM
Download  SL1002A090SM Click to download

File Size   206.54 Kbytes
Page   5 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Gas Discharge Tube (GDT) Products SL1002A Series

SL1002A090SM Datasheet (HTML) - Littelfuse

SL1002A090SM Datasheet HTML 1Page - Littelfuse SL1002A090SM Datasheet HTML 2Page - Littelfuse SL1002A090SM Datasheet HTML 3Page - Littelfuse SL1002A090SM Datasheet HTML 4Page - Littelfuse SL1002A090SM Datasheet HTML 5Page - Littelfuse

SL1002A090SM Product details

Description
The Broadband Optimized™ SL1002A series has been especially developed for use in broadband equipment. Special design features provide high levels of protection against fast rising transients in the 100V/μs to 1kV/μs range usually caused by lightning disturbances. These devices have ultra low capacitance (typically 1.2pF or less) and present insignificant signal losses up to 1.5GHz. These devices are extremely robust and are able to divert a 5000A pulse without destruction. For AC Power Cross of long duration, overcurrent protection is recommended.

Features
• RoHS compliant/Lead free
• Ultra low insertion loss
• Surface mountable
• 5kA surge capability
   tested with 8/20μS–Pulse as defined by IEC 61000-4-5
• Excellent response to
   fast rising transients
• Can be used to meet
   Telcordia GR1089 without series resistance
• 10/700 6kV capability,
   as per ITU-T Rec. K.21, enhanced test level
• 2000 A 2/10μs surge rating
• Meet FCC part 68
   10/160μs waveform, 200A test
   and 10/560μs waveform 100A test
• Halogen-free

Applications
• Broadband equipment
• ADSL equipment
• XDSL equipment
• Satellite and CATV equipment
• General telecom equipment




Similar Part No. - SL1002A090SM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
217Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
206Kb / 2P
   Greentube??SL1002A Series Gas Plasma Arrester
SL1002A090 LITTELFUSE-SL1002A090 Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Similar Description - SL1002A090SM

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1002A230SM LITTELFUSE-SL1002A230SM Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products SL1002A Series
SL1002A075SM LITTELFUSE-SL1002A075SM Datasheet
206Kb / 5P
   Gas Discharge Tube (GDT) Products SL1002A Series
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com