Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQAF12P20 Datasheet (PDF) - Fairchild Semiconductor

FQAF12P20 Datasheet PDF - Fairchild Semiconductor
Part # FQAF12P20
Download  FQAF12P20 Download

File Size   615.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V P-Channel MOSFET

FQAF12P20 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQAF12P20 Datasheet PDF - Fairchild Semiconductor

Part # FQAF12P20
Download  FQAF12P20 Click to download

File Size   615.01 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V P-Channel MOSFET

FQAF12P20 Datasheet (HTML) - Fairchild Semiconductor

FQAF12P20 Datasheet HTML 1Page - Fairchild Semiconductor FQAF12P20 Datasheet HTML 2Page - Fairchild Semiconductor FQAF12P20 Datasheet HTML 3Page - Fairchild Semiconductor FQAF12P20 Datasheet HTML 4Page - Fairchild Semiconductor FQAF12P20 Datasheet HTML 5Page - Fairchild Semiconductor FQAF12P20 Datasheet HTML 6Page - Fairchild Semiconductor FQAF12P20 Datasheet HTML 7Page - Fairchild Semiconductor FQAF12P20 Datasheet HTML 8Page - Fairchild Semiconductor

FQAF12P20 Product details

General Description
These P-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switching DC/DC converters.

Features
• -11.5A, -200V, RDS(on) = 0.47Ω @VGS = -10 V
• Low gate charge ( typical 31 nC)
• Low Crss ( typical 30 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQAF12P20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF12N60 FAIRCHILD-FQAF12N60 Datasheet
539Kb / 8P
   600V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQAF12N60 ISC-FQAF12N60 Datasheet
421Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - FQAF12P20

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMD5P20 KERSEMI-KSMD5P20 Datasheet
1Mb / 8P
   200V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB3P20 FAIRCHILD-FQB3P20 Datasheet
560Kb / 9P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20_11 Datasheet
213Kb / 5P
   200V P-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5P20 FAIRCHILD-FQPF5P20 Datasheet
610Kb / 8P
   200V P-Channel MOSFET
FQP5P20 FAIRCHILD-FQP5P20 Datasheet
624Kb / 8P
   200V P-Channel MOSFET
FQA12P20 FAIRCHILD-FQA12P20 Datasheet
628Kb / 8P
   200V P-Channel MOSFET
FQP3P20 FAIRCHILD-FQP3P20 Datasheet
549Kb / 8P
   200V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM12P20 KERSEMI-KSM12P20 Datasheet
1Mb / 7P
   200V P-Channel MOSFET
logo
Unisonic Technologies
7P20 UTC-7P20 Datasheet
213Kb / 6P
   200V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQB12P20 KEXIN-KQB12P20 Datasheet
63Kb / 2P
   200V P-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com