Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPL-782T-000E Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

ACPL-782T-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # ACPL-782T-000E
Download  ACPL-782T-000E Download

File Size   257.62 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Automotive Isolation Amplifier with R2Coupler??Isolation

ACPL-782T-000E Datasheet (PDF)

Go To PDF Page Download Datasheet
ACPL-782T-000E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-782T-000E
Download  ACPL-782T-000E Click to download

File Size   257.62 Kbytes
Page   18 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Automotive Isolation Amplifier with R2Coupler??Isolation

ACPL-782T-000E Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-782T-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-782T-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

ACPL-782T-000E Product details

Description
The ACPL-782T isolation amplifier was designed for voltage and current sensing in electronic motor drives and battery system monitoring. In a typical implementation, and motor currents flow through an external resistor and the resulting analog voltage drop is sensed by the ACPL-782T. A differential output voltage is created on the other side of the ACPL-782T optical isolation barrier. This differential output voltage is proportional to the motor current and can be converted to a single-ended signal by using an op-amp as shown in the recommended application circuit. Since common-mode voltage swings of several hundred volts in tens of nanoseconds are common in modern switching inverter motor drives, the ACPL-782T was designed to ignore very high common-mode transient slew rates (of at least 10 kV/s).

Features
• ±2% Gain Tolerance @ 25°C
• 15 kV/s Common-Mode Rejection at VCM = 1000V
• 30ppm/°C Gain Drift vs. Temperature
• 0.3 mV Input Offset Voltage
• 100 kHz Bandwidth
• 0.004% Nonlinearity
• Compact, Auto-Insertable Standard 8-pin DIP Package
• Worldwide Safety Approval:
    – UL 1577 (3750 VRMS/1 min.) and
    – CSA
    – IEC 60747-5-5, DIN EN 60747-5-2(VDE 0884 Teil 2)
• Qualified to AEC-Q100 Test Guidelines
• Automotive Operating Temperature -40 to 125°C
• Advanced Sigma-Delta (Σ-Δ) A/D Converter Technology
• Fully Differential Circuit Topology

Applications
• Automotive Motor Inverter Current/Voltage Sensing
• Automotive AC/DC and DC/DC converter Current/ Voltage sensing
• Automotive Battery ECU
• Automotive Motor Phase Current Sensing
• Isolation Interface for Temperature Sensing
• General Purpose Current Sensing and Monitoring




Similar Part No. - ACPL-782T-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-782T-300E AVAGO-ACPL-782T-300E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler Isolation
More results


Similar Description - ACPL-782T-000E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-782T-300E AVAGO-ACPL-782T-300E Datasheet
257Kb / 18P
   Automotive Isolation Amplifier with R2Coupler Isolation
ACPL-M43U-000E AVAGO-ACPL-M43U-000E Datasheet
240Kb / 8P
   Wide Operating Temperature 1MBd Digital Optocoupler with R2Coupler??Isolation
ACPL-M46T AVAGO-ACPL-M46T Datasheet
170Kb / 13P
   Automotive Intelligent Power Module with R2Coupler Isolation and Small Outline, 5 Lead Package
logo
Broadcom Corporation.
ACPL-M61T-000E BOARDCOM-ACPL-M61T-000E Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-M61T AVAGO-ACPL-M61T Datasheet
219Kb / 10P
   10MBd Wide Operating Temperature Automotive Digital Optocoupler with R2Coupler??Isolation and AEC-Q100 Qualification
HCPL-7840 AVAGO-HCPL-7840 Datasheet
320Kb / 19P
   Isolation Amplifier
HCPL-7840-560E AVAGO-HCPL-7840-560E Datasheet
151Kb / 19P
   Isolation Amplifier
logo
Agilent(Hewlett-Packard...
HCPL-7840 HP-HCPL-7840 Datasheet
217Kb / 12P
   Analog Isolation Amplifier
logo
Rohm
BA3121 ROHM-BA3121 Datasheet
169Kb / 11P
   Ground isolation amplifier
BA3123F ROHM-BA3123F_15 Datasheet
1Mb / 16P
   Ground Isolation Amplifier
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com