Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQB19N20 Datasheet (PDF) - Fairchild Semiconductor

FQB19N20 Datasheet PDF - Fairchild Semiconductor
Part # FQB19N20
Download  FQB19N20 Download

File Size   723.58 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V N-Channel MOSFET

FQB19N20 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQB19N20 Datasheet PDF - Fairchild Semiconductor

Part # FQB19N20
Download  FQB19N20 Click to download

File Size   723.58 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V N-Channel MOSFET

FQB19N20 Datasheet (HTML) - Fairchild Semiconductor

FQB19N20 Datasheet HTML 1Page - Fairchild Semiconductor FQB19N20 Datasheet HTML 2Page - Fairchild Semiconductor FQB19N20 Datasheet HTML 3Page - Fairchild Semiconductor FQB19N20 Datasheet HTML 4Page - Fairchild Semiconductor FQB19N20 Datasheet HTML 5Page - Fairchild Semiconductor FQB19N20 Datasheet HTML 6Page - Fairchild Semiconductor FQB19N20 Datasheet HTML 7Page - Fairchild Semiconductor FQB19N20 Datasheet HTML 8Page - Fairchild Semiconductor FQB19N20 Datasheet HTML 9Page - Fairchild Semiconductor

FQB19N20 Product details

Description
This N-Channel enhancement mode power MOSFET is produced using Fairchild Semiconductor®’s proprietary planar stripe and DMOS technology. This advanced MOSFET technology has been especially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. These devices are suitable for switched mode power supplies, active power factor correction (PFC), and electronic lamp ballasts.

Features
• 19.4 A, 200 V, RDS(on) = 150 mΩ (Max.) @ VGS = 10 V, ID = 9.7 A
• Low Gate Charge (Typ. 31 nC)
• Low Crss (Typ. 30 pF)
• 100% Avalanche Tested
• RoHS Compliant




Similar Part No. - FQB19N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB19N20 FAIRCHILD-FQB19N20 Datasheet
808Kb / 9P
   N-Channel QFET MOSFET
logo
Inchange Semiconductor ...
FQB19N20 ISC-FQB19N20 Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQB19N20C FAIRCHILD-FQB19N20C Datasheet
876Kb / 9P
   200V N-Channel MOSFET
FQB19N20L FAIRCHILD-FQB19N20L Datasheet
749Kb / 9P
   200V LOGIC N_Channel MOSFET
FQB19N20L FAIRCHILD-FQB19N20L Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
More results


Similar Description - FQB19N20

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
FQP630 FAIRCHILD-FQP630 Datasheet
745Kb / 8P
   200V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com