Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD8P10 Datasheet (PDF) - Fairchild Semiconductor

FQD8P10 Datasheet PDF - Fairchild Semiconductor
Part # FQD8P10
Download  FQD8P10 Download

File Size   662.37 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V P-Channel MOSFET

FQD8P10 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD8P10 Datasheet PDF - Fairchild Semiconductor

Part # FQD8P10
Download  FQD8P10 Click to download

File Size   662.37 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 100V P-Channel MOSFET

FQD8P10 Datasheet (HTML) - Fairchild Semiconductor

FQD8P10 Datasheet HTML 1Page - Fairchild Semiconductor FQD8P10 Datasheet HTML 2Page - Fairchild Semiconductor FQD8P10 Datasheet HTML 3Page - Fairchild Semiconductor FQD8P10 Datasheet HTML 4Page - Fairchild Semiconductor FQD8P10 Datasheet HTML 5Page - Fairchild Semiconductor FQD8P10 Datasheet HTML 6Page - Fairchild Semiconductor FQD8P10 Datasheet HTML 7Page - Fairchild Semiconductor FQD8P10 Datasheet HTML 8Page - Fairchild Semiconductor FQD8P10 Datasheet HTML 9Page - Fairchild Semiconductor

FQD8P10 Product details

Description
This P-Channel enhancement mode power MOSFET is produced using Fairchild Semiconductor’s proprietary planar stripe and DMOS technology. This advanced MOSFET technology has been especially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. These devices are suitable for switched mode power supplies, audio amplifier, DC motor control, and variable switching power applications.

Features
• -6.6 A, -100 V, RDS(on) = 530 mΩ (Max) @ VGS = -10 V, ID = -3.3 A
• Low Gate Charge (Typ. 12 nC)
• Low Crss (Typ. 30 pF)
• 100% Avalanche Tested




Similar Part No. - FQD8P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD8P10 FAIRCHILD-FQD8P10 Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -100 V, -6.6 A, 530 m廓
FQD8P10TF FAIRCHILD-FQD8P10TF Datasheet
551Kb / 9P
   P-Channel QFET MOSFET - 100 V, - 6.6 A, 530 m
FQD8P10TM FAIRCHILD-FQD8P10TM Datasheet
645Kb / 7P
   100V P-Channel MOSFET
logo
ON Semiconductor
FQD8P10TM-F085 ONSEMI-FQD8P10TM-F085 Datasheet
792Kb / 8P
   100V P-Channel MOSFET
September-2017, Rev. 3
logo
Shanghai Leiditech Elec...
FQD8P10TM_F085 LEIDITECH-FQD8P10TM_F085 Datasheet
1Mb / 5P
   -100V P-Channel Enhancement Mode MOSFET
Rev : 01.0 8 .2021
More results


Similar Description - FQD8P10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF12P10 FAIRCHILD-FQPF12P10 Datasheet
631Kb / 8P
   100V P-Channel MOSFET
FQAF17P10 FAIRCHILD-FQAF17P10 Datasheet
667Kb / 8P
   100V P-Channel MOSFET
FQD12P10TMF085 FAIRCHILD-FQD12P10TMF085 Datasheet
883Kb / 8P
   100V P-Channel MOSFET
logo
Unisonic Technologies
12P10 UTC-12P10 Datasheet
256Kb / 7P
   100V P-CHANNEL MOSFET
logo
Guangdong Kexin Industr...
KQD5P10 KEXIN-KQD5P10 Datasheet
63Kb / 2P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM22P10 KERSEMI-KSM22P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
KSMD8P10TM_F085 KERSEMI-KSMD8P10TM_F085 Datasheet
995Kb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB5P10TM FAIRCHILD-FQB5P10TM Datasheet
680Kb / 9P
   100V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD5P10 KERSEMI-KSMD5P10 Datasheet
1Mb / 8P
   100V P-Channel MOSFET
KSMD8P10 KERSEMI-KSMD8P10 Datasheet
1Mb / 6P
   100V P-Channel MOSFET
logo
Fairchild Semiconductor
FQA17P10 FAIRCHILD-FQA17P10 Datasheet
676Kb / 8P
   100V P-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com