Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT42QT1011-MAH Datasheet (PDF) - ATMEL Corporation

AT42QT1011-MAH Datasheet PDF - ATMEL Corporation
Part # AT42QT1011-MAH
Download  AT42QT1011-MAH Download
File Size   290.8 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Single-key QTouch짰 Touch Sensor IC

AT42QT1011-MAH Datasheet (PDF)

Go To PDF Page Download Datasheet
AT42QT1011-MAH Datasheet PDF - ATMEL Corporation

Part # AT42QT1011-MAH
Download  AT42QT1011-MAH Click to download

File Size   290.8 Kbytes
Page   25 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Single-key QTouch짰 Touch Sensor IC

AT42QT1011-MAH Datasheet (HTML) - ATMEL Corporation


AT42QT1011-MAH Product details

Number of Keys:

 One – configurable as either a single key or a proximity sensor

Technology:

 Patented spread-spectrum charge-transfer (direct mode)

Key outline sizes:

 6 mm × 6 mm or larger (panel thickness dependent); widely different sizes and shapes possible

Electrode design:

 Solid or ring electrode shapes

PCB Layers required:

 One

Electrode materials:

 Etched copper, silver, carbon, Indium Tin Oxide (ITO)

Electrode substrates:

 PCB, FPCB, plastic films, glass

Panel materials:

 Plastic, glass, composites, painted surfaces (low particle density metallic paints possible)

Panel thickness:

 Up to 12 mm glass, 6 mm plastic (electrode size and Cs dependent)

Key sensitivity:

 Settable via capacitor (Cs)

Interface:

 Digital output, active high

Moisture tolerance:

 Increased moisture tolerance based on hardware design and firmware tuning

Operating Voltage:

 1.8 V – 5.5 V; 17 µA at 1.8 V typical

Package:

 6-pin SOT23-6 RoHS compliant

 8-pin UDFN/USON RoHS compliant

Signal processing:

 Self-calibration, auto drift compensation, noise filtering

 Infinite max on-duration

Applications:

 Control panels, consumer appliances, proximity sensor applications, toys,lighting controls, mechanical switch or button,

Patents:

 QTouch®(patented charge-transfer method)

 HeartBeat (monitors health of device)




Similar Part No. - AT42QT1011-MAH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1011-TSHR ATMEL-AT42QT1011-TSHR Datasheet
252Kb / 18P
One-channel Touch Sensor IC
More results


Similar Description - AT42QT1011-MAH

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT42QT1085 ATMEL-AT42QT1085 Datasheet
394Kb / 30P
QTouch 8-key Touch Sensor IC
AT42QT1040 ATMEL-AT42QT1040_14 Datasheet
270Kb / 22P
Four-key QTouch Touch Sensor IC
AT42QT1110-AU ATMEL-AT42QT1110-AU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-AZ ATMEL-AT42QT1110-AZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MU ATMEL-AT42QT1110-MU_14 Datasheet
693Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1110-MZ ATMEL-AT42QT1110-MZ_14 Datasheet
668Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-AU ATMEL-AT42QT1111-AU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT1111-MU ATMEL-AT42QT1111-MU_14 Datasheet
695Kb / 50P
11-key QTouch Touch Sensor IC
AT42QT2160 ATMEL-AT42QT2160_14 Datasheet
573Kb / 51P
16-key QMatrix Touch Sensor IC
AT42QT1070 ATMEL-AT42QT1070 Datasheet
423Kb / 34P
Seven-channel QTouch짰 Touch Sensor IC
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com