Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP30N06 Datasheet (PDF) - Fairchild Semiconductor

FQP30N06 Datasheet PDF - Fairchild Semiconductor
Part # FQP30N06
Download  FQP30N06 Download

File Size   623.87 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V LOGIC N-Channel MOSFET

FQP30N06 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP30N06 Datasheet PDF - Fairchild Semiconductor

Part # FQP30N06
Download  FQP30N06 Click to download

File Size   623.87 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 60V LOGIC N-Channel MOSFET

FQP30N06 Datasheet (HTML) - Fairchild Semiconductor

FQP30N06 Datasheet HTML 1Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 2Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 3Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 4Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 5Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 6Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 7Page - Fairchild Semiconductor FQP30N06 Datasheet HTML 8Page - Fairchild Semiconductor

FQP30N06 Product details

Description
This N-Channel enhancement mode power MOSFET is produced using Fairchild Semiconductor’s proprietary planar stripe and DMOS technology. This advanced MOSFET technology has been especially tailored to reduce on-state resistance, and to provide superior switching performance and high avalanche energy strength. These devices are suitable for switched mode power supplies, audio amplifier, DC motor control, and variable switching power applications.

Features
• 32 A, 60 V, RDS(on) = 35 mΩ (Max.) @ VGS = 10 V, ID = 16 A
• Low Gate Charge (Typ. 15 nC)
• Low Crss (Typ. 50 pF)
• 100% Avalanche Tested
• 175°C Maximum Junction Temperature Rating




Similar Part No. - FQP30N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
   60V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP30N06 ISC-FQP30N06 Datasheet
302Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
VBsemi Electronics Co.,...
FQP30N06L VBSEMI-FQP30N06L Datasheet
1Mb / 9P
   N-Channel 60 V (D-S) MOSFET
More results


Similar Description - FQP30N06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB20N06L FAIRCHILD-FQB20N06L Datasheet
680Kb / 9P
   60V LOGIC N-Channel MOSFET
FQP20N06L FAIRCHILD-FQP20N06L Datasheet
673Kb / 8P
   60V LOGIC N-Channel MOSFET
FQP50N06L FAIRCHILD-FQP50N06L Datasheet
647Kb / 8P
   60V LOGIC N-Channel MOSFET
FQPF20N06L FAIRCHILD-FQPF20N06L Datasheet
661Kb / 8P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU20N06L KERSEMI-KSMU20N06L Datasheet
1Mb / 8P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQPF50N06L FAIRCHILD-FQPF50N06L Datasheet
664Kb / 8P
   60V LOGIC N-Channel MOSFET
FQU20N06L FAIRCHILD-FQU20N06L_09 Datasheet
860Kb / 9P
   60V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM50N06L KERSEMI-KSM50N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
KSM30N06L KERSEMI-KSM30N06L Datasheet
1Mb / 6P
   60V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQD13N06L FAIRCHILD-FQD13N06L Datasheet
653Kb / 9P
   60V LOGIC N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com