Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW68HR-7N Datasheet (PDF) - Diodes Incorporated

BCW68HR-7N Datasheet PDF - Diodes Incorporated
Part # BCW68HR-7N
Download  BCW68HR-7N Download

File Size   306.01 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS

BCW68HR-7N Datasheet (PDF)

Go To PDF Page Download Datasheet
BCW68HR-7N Datasheet PDF - Diodes Incorporated

Part # BCW68HR-7N
Download  BCW68HR-7N Click to download

File Size   306.01 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS

BCW68HR-7N Datasheet (HTML) - Diodes Incorporated

BCW68HR-7N Datasheet HTML 1Page - Diodes Incorporated BCW68HR-7N Datasheet HTML 2Page - Diodes Incorporated

BCW68HR-7N Product details

Features
• BVCEO > -45V
• IC = -800mA high Continuous Collector Current
• Low Saturation Voltage VCE(sat) < -300mV @ 100mA
• Complementary NPN Type: BCW66H
• Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - BCW68HR-7N

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW68HR ZETEX-BCW68HR Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results


Similar Description - BCW68HR-7N

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT549 DIODES-FMMT549 Datasheet
131Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
FMMTA56 DIODES-FMMTA56 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Zetex Semiconductors
FMMTA55 ZETEX-FMMTA55 Datasheet
57Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
FMMTA56 DIODES-FMMTA56_15 Datasheet
47Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
BSS69 ETC-BSS69 Datasheet
34Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Zetex Semiconductors
BSS69 ZETEX-BSS69 Datasheet
37Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM POWER SWITCHING TRANSISTORS
logo
Diodes Incorporated
FMMT589 DIODES-FMMT589 Datasheet
55Kb / 1P
   SOT23 PNP SILICON PLANAR MEDIUM
FMMT551 DIODES-FMMT551 Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FMMT555 DIODES-FMMT555 Datasheet
71Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT551TA FAIRCHILD-FMMT551TA Datasheet
108Kb / 2P
   SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com