Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP5N80 Datasheet (PDF) - Fairchild Semiconductor

FQP5N80 Datasheet PDF - Fairchild Semiconductor
Part # FQP5N80
Download  FQP5N80 Download

File Size   660.87 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 800V N-Channel MOSFET

FQP5N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP5N80 Datasheet PDF - Fairchild Semiconductor

Part # FQP5N80
Download  FQP5N80 Click to download

File Size   660.87 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 800V N-Channel MOSFET

FQP5N80 Datasheet (HTML) - Fairchild Semiconductor

FQP5N80 Datasheet HTML 1Page - Fairchild Semiconductor FQP5N80 Datasheet HTML 2Page - Fairchild Semiconductor FQP5N80 Datasheet HTML 3Page - Fairchild Semiconductor FQP5N80 Datasheet HTML 4Page - Fairchild Semiconductor FQP5N80 Datasheet HTML 5Page - Fairchild Semiconductor FQP5N80 Datasheet HTML 6Page - Fairchild Semiconductor FQP5N80 Datasheet HTML 7Page - Fairchild Semiconductor FQP5N80 Datasheet HTML 8Page - Fairchild Semiconductor

FQP5N80 Product details

General Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switch mode power supply.
   
Features
• 4.8A, 800V, RDS(on) = 2.6Ω @VGS = 10 V
• Low gate charge ( typical 25 nC)
• Low Crss ( typical 11 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
   




Similar Part No. - FQP5N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP5N15 FAIRCHILD-FQP5N15 Datasheet
717Kb / 8P
   150V N-CHANNEL MOSFET
FQP5N20 FAIRCHILD-FQP5N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQP5N20 ISC-FQP5N20 Datasheet
301Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQP5N20L FAIRCHILD-FQP5N20L Datasheet
605Kb / 8P
   200V LOGIC N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
More results


Similar Description - FQP5N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
FQPF4N80 FAIRCHILD-FQPF4N80 Datasheet
639Kb / 8P
   800V N-Channel MOSFET
FQPF6N80 FAIRCHILD-FQPF6N80 Datasheet
665Kb / 8P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_06 Datasheet
801Kb / 9P
   800V N-Channel MOSFET
FQA13N80 FAIRCHILD-FQA13N80 Datasheet
731Kb / 8P
   800V N-Channel MOSFET
FQA6N80 FAIRCHILD-FQA6N80 Datasheet
677Kb / 8P
   800V N-Channel MOSFET
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
   800V N-Channel MOSFET
FQA10N80 FAIRCHILD-FQA10N80_07 Datasheet
803Kb / 8P
   800V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFH10N80 SEMIHOW-HFH10N80 Datasheet
1Mb / 7P
   800V N-Channel MOSFET
HFS3N80 SEMIHOW-HFS3N80 Datasheet
1Mb / 8P
   800V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com