Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQP630 Datasheet (PDF) - Fairchild Semiconductor

FQP630 Datasheet PDF - Fairchild Semiconductor
Part # FQP630
Download  FQP630 Download

File Size   745.24 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V N-Channel MOSFET

FQP630 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQP630 Datasheet PDF - Fairchild Semiconductor

Part # FQP630
Download  FQP630 Click to download

File Size   745.24 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 200V N-Channel MOSFET

FQP630 Datasheet (HTML) - Fairchild Semiconductor

FQP630 Datasheet HTML 1Page - Fairchild Semiconductor FQP630 Datasheet HTML 2Page - Fairchild Semiconductor FQP630 Datasheet HTML 3Page - Fairchild Semiconductor FQP630 Datasheet HTML 4Page - Fairchild Semiconductor FQP630 Datasheet HTML 5Page - Fairchild Semiconductor FQP630 Datasheet HTML 6Page - Fairchild Semiconductor FQP630 Datasheet HTML 7Page - Fairchild Semiconductor FQP630 Datasheet HTML 8Page - Fairchild Semiconductor

FQP630 Product details

Features
• 9A, 200V, RDS(on) = 0.4Ω @VGS = 10 V
• Low gate charge ( typical 19 nC)
• Low Crss ( typical 35 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQP630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP630 FAIRCHILD-FQP630 Datasheet
739Kb / 8P
   200V N-Channel MOSFET
FQP630TSTU FAIRCHILD-FQP630TSTU Datasheet
739Kb / 8P
   200V N-Channel MOSFET
More results


Similar Description - FQP630

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF48N20 FAIRCHILD-FQAF48N20 Datasheet
666Kb / 8P
   200V N-Channel MOSFET
FDP39N20 FAIRCHILD-FDP39N20 Datasheet
908Kb / 8P
   200V N-Channel MOSFET
FQD10N20C FAIRCHILD-FQD10N20C_09 Datasheet
729Kb / 9P
   200V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOD2210 AOSMD-AOD2210 Datasheet
309Kb / 6P
   200V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
IRFW630B KERSEMI-IRFW630B Datasheet
1Mb / 8P
   200V N-Channel MOSFET
logo
Bruckewell Technology L...
MS40N20 BWTECH-MS40N20 Datasheet
765Kb / 8P
   200V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP640 SEMIHOW-HFP640 Datasheet
309Kb / 8P
   200V N-Channel MOSFET
logo
Fairchild Semiconductor
FQP19N20C FAIRCHILD-FQP19N20C Datasheet
1Mb / 10P
   200V N-Channel MOSFET
FQA34N20 FAIRCHILD-FQA34N20 Datasheet
731Kb / 8P
   200V N-Channel MOSFET
FQP4N20 FAIRCHILD-FQP4N20 Datasheet
688Kb / 8P
   200V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com