Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD12KA5FP-E2 Datasheet (PDF) - Rohm

BD12KA5FP-E2 Datasheet PDF - Rohm
Part # BD12KA5FP-E2
Download  BD12KA5FP-E2 Download

File Size   616.36 Kbytes
Page   18 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description low-saturation regulators that are available for output currents up to 500mA.

BD12KA5FP-E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BD12KA5FP-E2 Datasheet PDF - Rohm

Part # BD12KA5FP-E2
Download  BD12KA5FP-E2 Click to download

File Size   616.36 Kbytes
Page   18 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description low-saturation regulators that are available for output currents up to 500mA.

BD12KA5FP-E2 Datasheet (HTML) - Rohm

Back Button BD12KA5FP-E2 Datasheet HTML 1Page - Rohm BD12KA5FP-E2 Datasheet HTML 2Page - Rohm BD12KA5FP-E2 Datasheet HTML 3Page - Rohm BD12KA5FP-E2 Datasheet HTML 4Page - Rohm BD12KA5FP-E2 Datasheet HTML 5Page - Rohm BD12KA5FP-E2 Datasheet HTML 6Page - Rohm BD12KA5FP-E2 Datasheet HTML 7Page - Rohm BD12KA5FP-E2 Datasheet HTML 8Page - Rohm BD12KA5FP-E2 Datasheet HTML 9Page - Rohm BD12KA5FP-E2 Datasheet HTML 10Page - Rohm Next Button 



Similar Part No. - BD12KA5FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD12KA5FP-E2 ROHM-BD12KA5FP-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
More results


Similar Description - BD12KA5FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BAXXDD0-E ROHM-BAXXDD0-E Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
BA00DD0W-E ROHM-BA00DD0W-E Datasheet
493Kb / 20P
   low-saturation regulators available for outputs up to 2A/1A. The output voltage
logo
First Components Intern...
FGM7632 FCI-FGM7632 Datasheet
162Kb / 5P
   Output Currents up to 0.5A (output1 & 2)
logo
TE Connectivity Ltd
RP3SL TEC-RP3SL Datasheet
287Kb / 3P
   For high inrush currents up to 120A
logo
Rohm
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
logo
Harris Corporation
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
CA723 HARRIS-CA723 Datasheet
104Kb / 8P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
logo
Mitsumi Electronics, Co...
MM159X MITSUMI-MM159X Datasheet
86Kb / 8P
   Low-Saturation 300mA Regulators
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Rohm
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com