Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF1P50 Datasheet (PDF) - Fairchild Semiconductor

FQPF1P50 Datasheet PDF - Fairchild Semiconductor
Part # FQPF1P50
Download  FQPF1P50 Download

File Size   564.06 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 500V P-Channel MOSFET

FQPF1P50 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF1P50 Datasheet PDF - Fairchild Semiconductor

Part # FQPF1P50
Download  FQPF1P50 Click to download

File Size   564.06 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 500V P-Channel MOSFET

FQPF1P50 Datasheet (HTML) - Fairchild Semiconductor

FQPF1P50 Datasheet HTML 1Page - Fairchild Semiconductor FQPF1P50 Datasheet HTML 2Page - Fairchild Semiconductor FQPF1P50 Datasheet HTML 3Page - Fairchild Semiconductor FQPF1P50 Datasheet HTML 4Page - Fairchild Semiconductor FQPF1P50 Datasheet HTML 5Page - Fairchild Semiconductor FQPF1P50 Datasheet HTML 6Page - Fairchild Semiconductor FQPF1P50 Datasheet HTML 7Page - Fairchild Semiconductor FQPF1P50 Datasheet HTML 8Page - Fairchild Semiconductor

FQPF1P50 Product details

General Description
These P-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.
This advanced technology is especially tailored to minimize on-state resistance, provide superior switching performance, and withstand a high energy pulse in the avalanche and commutation modes. These devices are well suited for electronic lamp ballasts based on the complementary half bridge topology.

Features
• -1.03A, -500V, RDS(on) = 10.5Ω @VGS = -10 V
• Low gate charge ( typical 11 nC)
• Low Crss ( typical 6.0 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQPF1P50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF10N20 FAIRCHILD-FQPF10N20 Datasheet
777Kb / 8P
   200V N-Channel MOSFET
FQPF10N20C FAIRCHILD-FQPF10N20C Datasheet
875Kb / 10P
   200V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF10N20C ISC-FQPF10N20C Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQPF10N20L FAIRCHILD-FQPF10N20L Datasheet
569Kb / 8P
   200V LOGIC N-Channel MOSFET
FQPF10N50CF FAIRCHILD-FQPF10N50CF Datasheet
992Kb / 10P
   500V N-Channel MOSFET Improved dv/dt capability
More results


Similar Description - FQPF1P50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD3P50TM FAIRCHILD-FQD3P50TM Datasheet
766Kb / 9P
   500V P-Channel MOSFET
FQD1P50TF FAIRCHILD-FQD1P50TF Datasheet
696Kb / 9P
   500V P-Channel MOSFET
FQD1P50 FAIRCHILD-FQD1P50 Datasheet
569Kb / 9P
   500V P-Channel MOSFET
FQB1P50 FAIRCHILD-FQB1P50 Datasheet
571Kb / 9P
   500V P-Channel MOSFET
FQB3P50 FAIRCHILD-FQB3P50 Datasheet
645Kb / 9P
   500V P-Channel MOSFET
FQB3P50TM FAIRCHILD-FQB3P50TM Datasheet
651Kb / 9P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50_09 Datasheet
766Kb / 9P
   500V P-Channel MOSFET
FQPF3P50 FAIRCHILD-FQPF3P50 Datasheet
620Kb / 8P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50 Datasheet
638Kb / 9P
   500V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD1P50 KERSEMI-KSMD1P50 Datasheet
1Mb / 8P
   500V P-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com