Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA07FP-E2 Datasheet (PDF) - Rohm

BA07FP-E2 Datasheet PDF - Rohm
Part # BA07FP-E2
Download  BA07FP-E2 Download

File Size   106.89 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low saturation voltage type 3-pin regulator

BA07FP-E2 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA07FP-E2 Datasheet PDF - Rohm

Part # BA07FP-E2
Download  BA07FP-E2 Click to download

File Size   106.89 Kbytes
Page   9 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low saturation voltage type 3-pin regulator

BA07FP-E2 Datasheet (HTML) - Rohm

BA07FP-E2 Datasheet HTML 1Page - Rohm BA07FP-E2 Datasheet HTML 2Page - Rohm BA07FP-E2 Datasheet HTML 3Page - Rohm BA07FP-E2 Datasheet HTML 4Page - Rohm BA07FP-E2 Datasheet HTML 5Page - Rohm BA07FP-E2 Datasheet HTML 6Page - Rohm BA07FP-E2 Datasheet HTML 7Page - Rohm BA07FP-E2 Datasheet HTML 8Page - Rohm BA07FP-E2 Datasheet HTML 9Page - Rohm

BA07FP-E2 Product details

BAOOT / BAOOFP series

The BAΟΟT and BAΟΟFP series are fixed positive output low drop-out type, 3-pin voltage regulators with positive output. These regulators are used to provide a stabilized output voltage from a fluctuating DC input voltage.
There are 10 fixed output voltages, as follows:3V, 3.3V, 5V, 6V*, 7V, 8V, 9V, 10V, 12V and 15V. The maximum current capacity is 1A for each of the above voltages. (Items marked with an asterisk are under development.)

Features
1) Built-in overvoltage protection circuit, overcurrent protection circuit and thermal shutdown circuit.
2) TO220FP and TO252-3 packages are available to cover a wide range of applications.
3) Compatible with the BA178ΟΟ series.
4) Richly diverse lineup.
5) Low minimum I / O voltage differential.

Application
  Constant voltage power supply




Similar Part No. - BA07FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA07CC0FP ROHM-BA07CC0FP Datasheet
367Kb / 6P
   1A Low Dropout Voltage Regulator (Adjustable Voltage)
BA07CC0FP-E2 ROHM-BA07CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators With ShutdownSwicth
BA07CC0FP-E2 ROHM-BA07CC0FP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA07CC0FP-E2 ROHM-BA07CC0FP-E2 Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
BA07CC0T ROHM-BA07CC0T Datasheet
366Kb / 6P
   1A Low Dropout Voltage Regulator (Adjustable Voltage)
More results


Similar Description - BA07FP-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BA03T ROHM-BA03T_1 Datasheet
185Kb / 9P
   Low saturation voltage type 3-pin regulator
BAOOT ROHM-BAOOT Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
BA033FP ROHM-BA033FP Datasheet
98Kb / 8P
   Low saturation voltage type 3-pin regulator
BA03T ROHM-BA03T Datasheet
100Kb / 9P
   Low saturation voltage type 3-pin regulator
logo
Mitsumi Electronics, Co...
MM1270 MITSUMI-MM1270 Datasheet
84Kb / 4P
   Low-Output Voltage Low-Saturation Three-Pin Regulator
logo
ELM Electronics
ELM99XXXA ELM-ELM99XXXA Datasheet
313Kb / 19P
   LOW SATURATION VOLTAGE REGULATOR
logo
ON Semiconductor
LB1848MC-BH ONSEMI-LB1848MC-BH Datasheet
137Kb / 6P
   Low-Voltage/Low Saturation Voltage Type
June, 2013
logo
Rohm
BAOOST ROHM-BAOOST Datasheet
245Kb / 12P
   Low saturation voltage type regulator with ON / OFF switch
logo
Mitsumi Electronics, Co...
MM1320 MITSUMI-MM1320 Datasheet
113Kb / 6P
   Microminiature Low-Noise, Low-Saturation Three-Pin Regulator
logo
Panasonic Semiconductor
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com