Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF2P40 Datasheet (PDF) - Fairchild Semiconductor

FQPF2P40 Datasheet PDF - Fairchild Semiconductor
Part # FQPF2P40
Download  FQPF2P40 Download

File Size   570.76 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 400V P-Channel MOSFET

FQPF2P40 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF2P40 Datasheet PDF - Fairchild Semiconductor

Part # FQPF2P40
Download  FQPF2P40 Click to download

File Size   570.76 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 400V P-Channel MOSFET

FQPF2P40 Datasheet (HTML) - Fairchild Semiconductor

FQPF2P40 Datasheet HTML 1Page - Fairchild Semiconductor FQPF2P40 Datasheet HTML 2Page - Fairchild Semiconductor FQPF2P40 Datasheet HTML 3Page - Fairchild Semiconductor FQPF2P40 Datasheet HTML 4Page - Fairchild Semiconductor FQPF2P40 Datasheet HTML 5Page - Fairchild Semiconductor FQPF2P40 Datasheet HTML 6Page - Fairchild Semiconductor FQPF2P40 Datasheet HTML 7Page - Fairchild Semiconductor FQPF2P40 Datasheet HTML 8Page - Fairchild Semiconductor

FQPF2P40 Product details

General Description
These P-Channel enhancement mode power field effect transistors are product using Fairchilds proprietary, planar stripe, DMOS technology.
This advance technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for electronic lamp ballasts based on the complementary half bridge topology.

Features
• -1.34A, -400V, RDS(on) = 6.5Ω @VGS = 10 V
• Low gate charge (typical 10 nC)
• Low Crss ( typical 6.5 pF )
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQPF2P40

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF2P25 FAIRCHILD-FQPF2P25 Datasheet
539Kb / 8P
   250V P-Channel MOSFET
More results


Similar Description - FQPF2P40

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMU4P40 KERSEMI-KSMU4P40 Datasheet
1Mb / 8P
   400V P-Channel MOSFET
logo
Fairchild Semiconductor
FQB2P40 FAIRCHILD-FQB2P40 Datasheet
586Kb / 9P
   400V P-Channel MOSFET
FQPF4P40 FAIRCHILD-FQPF4P40 Datasheet
635Kb / 8P
   400V P-Channel MOSFET
FQP2P40 FAIRCHILD-FQP2P40 Datasheet
576Kb / 8P
   400V P-Channel MOSFET
FQD4P40 FAIRCHILD-FQD4P40 Datasheet
647Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40 Datasheet
715Kb / 9P
   400V P-Channel MOSFET
FQD2P40 FAIRCHILD-FQD2P40_08 Datasheet
646Kb / 9P
   400V P-Channel MOSFET
logo
Guangdong Kexin Industr...
KQB4P40 KEXIN-KQB4P40 Datasheet
63Kb / 2P
   400V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD4P40 KERSEMI-KSMD4P40 Datasheet
1Mb / 8P
   400V P-Channel MOSFET
logo
Fairchild Semiconductor
FQP4P40 FAIRCHILD-FQP4P40 Datasheet
637Kb / 8P
   400V P-Channel MOSFET
FQD4P40TF FAIRCHILD-FQD4P40TF Datasheet
764Kb / 9P
   400V P-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com