Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQPF5N30 Datasheet (PDF) - Fairchild Semiconductor

FQPF5N30 Datasheet PDF - Fairchild Semiconductor
Part # FQPF5N30
Download  FQPF5N30 Download

File Size   763.75 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 300V N-Channel MOSFET

FQPF5N30 Datasheet (PDF)

Go To PDF Page Download Datasheet
FQPF5N30 Datasheet PDF - Fairchild Semiconductor

Part # FQPF5N30
Download  FQPF5N30 Click to download

File Size   763.75 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 300V N-Channel MOSFET

FQPF5N30 Datasheet (HTML) - Fairchild Semiconductor

FQPF5N30 Datasheet HTML 1Page - Fairchild Semiconductor FQPF5N30 Datasheet HTML 2Page - Fairchild Semiconductor FQPF5N30 Datasheet HTML 3Page - Fairchild Semiconductor FQPF5N30 Datasheet HTML 4Page - Fairchild Semiconductor FQPF5N30 Datasheet HTML 5Page - Fairchild Semiconductor FQPF5N30 Datasheet HTML 6Page - Fairchild Semiconductor FQPF5N30 Datasheet HTML 7Page - Fairchild Semiconductor FQPF5N30 Datasheet HTML 8Page - Fairchild Semiconductor

FQPF5N30 Product details

General Description
These N-Channel enhancement mode power field effect transistors are product using Fairchilds proprietary, planar stripe, DMOS technology.
This advance technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switching DC/DC converters, switch mode power supply.

Features
• 3.9A, 300V, RDS(on) = 0.9Ω @VGS = 10 V
• Low gate charge (typical 9.8 nC)
• Low Crss ( typical 9.5 pF )
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability




Similar Part No. - FQPF5N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQPF5N15 FAIRCHILD-FQPF5N15 Datasheet
748Kb / 8P
   150V N-Channel MOSFET
FQPF5N20 FAIRCHILD-FQPF5N20 Datasheet
715Kb / 8P
   200V N-Channel MOSFET
FQPF5N20L FAIRCHILD-FQPF5N20L Datasheet
554Kb / 8P
   200V LOGIC N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
logo
Inchange Semiconductor ...
FQPF5N40 ISC-FQPF5N40 Datasheet
277Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
More results


Similar Description - FQPF5N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com