Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ACTQ14SCX Datasheet (PDF) - Fairchild Semiconductor

74ACTQ14SCX Datasheet PDF - Fairchild Semiconductor
Part # 74ACTQ14SCX
Download  74ACTQ14SCX Download

File Size   86.21 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Guaranteed simultaneous switching noise level and dynamic threshold performance

74ACTQ14SCX Datasheet (PDF)

Go To PDF Page Download Datasheet
74ACTQ14SCX Datasheet PDF - Fairchild Semiconductor

Part # 74ACTQ14SCX
Download  74ACTQ14SCX Click to download

File Size   86.21 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Guaranteed simultaneous switching noise level and dynamic threshold performance

74ACTQ14SCX Datasheet (HTML) - Fairchild Semiconductor

74ACTQ14SCX Datasheet HTML 1Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ14SCX Datasheet HTML 7Page - Fairchild Semiconductor

74ACTQ14SCX Product details

General Description
The ACTQ14 contains six inverter gates each with a Schmitt trigger input. They are capable of transforming slowly changing input signals into sharply defined, jitter free output signals. In addition, they have a greater noise margin than conventional inverters.

Features
■ ICC reduced by 50%
■ Guaranteed simultaneous switching noise level and dynamic threshold performance
■ Improved latch-up immunity
■ Guaranteed pin-to-pin skew AC performance
■ Outputs source/sink 24 mA




Similar Part No. - 74ACTQ14SCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74ACTQ14SC FAIRCHILD-74ACTQ14SC Datasheet
100Kb / 7P
   Quiet Series Hex Inverter with Schmitt Trigger Input
More results


Similar Description - 74ACTQ14SCX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ASX2001H NAIS-ASX2001H Datasheet
95Kb / 5P
   HIGH SENSITIVITY RELAY WITH GUARANTEED LOW LEVEL SWITCHING CAPACITY
logo
List of Unclassifed Man...
FZH211S ETC-FZH211S Datasheet
122Kb / 3P
   DRIVER AND LEVEL CONVERTER INCI. AUTOMATIC THRESHOLD CHANGEOVER
logo
Rochester Electronics
ICL7660SMTV ROCHESTER-ICL7660SMTV Datasheet
723Kb / 1P
   GUARANTEED PERFORMANCE for military temperature ranges
logo
Maxim Integrated Produc...
MAX5886EVKIT MAXIM-MAX5886EVKIT Datasheet
761Kb / 10P
   Quick Dynamic Performance Evaluation
Rev 1; 1/21
logo
Lattice Semiconductor
ISPGDX2 LATTICE-ISPGDX2 Datasheet
546Kb / 72P
   High Performance Interfacing and Switching
logo
List of Unclassifed Man...
TC2181 ETC2-TC2181 Datasheet
140Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
logo
Transcom, Inc.
TC2181 TRANSCOM-TC2181 Datasheet
284Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2281 TRANSCOM-TC2281 Datasheet
287Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
TC2141 TRANSCOM-TC2141 Datasheet
776Kb / 4P
   Low Noise and High Dynamic Range Packaged GaAs FETs
logo
NXP Semiconductors
PCF1252-X PHILIPS-PCF1252-X Datasheet
107Kb / 16P
   Threshold detector and reset generator
1998 Apr 16
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com