Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FGH40N60UFDTU Datasheet (PDF) - Fairchild Semiconductor

FGH40N60UFDTU Datasheet PDF - Fairchild Semiconductor
Part # FGH40N60UFDTU
Download  FGH40N60UFDTU Download

File Size   291.84 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Current Capability

FGH40N60UFDTU Datasheet (PDF)

Go To PDF Page Download Datasheet
FGH40N60UFDTU Datasheet PDF - Fairchild Semiconductor

Part # FGH40N60UFDTU
Download  FGH40N60UFDTU Click to download

File Size   291.84 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description High Current Capability

FGH40N60UFDTU Datasheet (HTML) - Fairchild Semiconductor

FGH40N60UFDTU Datasheet HTML 1Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 2Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 3Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 4Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 5Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 6Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 7Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 8Page - Fairchild Semiconductor FGH40N60UFDTU Datasheet HTML 9Page - Fairchild Semiconductor

FGH40N60UFDTU Product details

General Description
Using Novel Field Stop IGBT Technology, Fairchild’s new sesries of Field Stop IGBTs offer the optimum performance for Induction Heating, UPS, SMPS and PFC applications where low conduction and switching losses are essential.

Features
• High current capability
• Low saturation voltage: VCE(sat) =1.8V @ IC= 40A
• High input impedance
• Fast switching
• RoHS compliant


Applications
• Induction Heating, UPS, SMPS, PFC




Similar Part No. - FGH40N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FGH40N60UFDTU FAIRCHILD-FGH40N60UFDTU Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
FGH40N60UFDTU-SN00006 FAIRCHILD-FGH40N60UFDTU-SN00006 Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
More results


Similar Description - FGH40N60UFDTU

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
logo
Vishay Siliconix
VS-VSKT570-16PBF VISHAY-VS-VSKT570-16PBF Datasheet
235Kb / 8P
   High current capability
Revision: 05-Dec-16
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com