Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5668BCPZ-1-RL7 Datasheet (PDF) - Analog Devices

AD5668BCPZ-1-RL7 Datasheet PDF - Analog Devices
Part # AD5668BCPZ-1-RL7
Download  AD5668BCPZ-1-RL7 Download

File Size   1246.15 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference

AD5668BCPZ-1-RL7 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5668BCPZ-1-RL7 Datasheet PDF - Analog Devices

Part # AD5668BCPZ-1-RL7
Download  AD5668BCPZ-1-RL7 Click to download

File Size   1246.15 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Octal, 12-/14-/16-Bit SPI Voltage Output denseDAC with 5 ppm/째C On-Chip Reference

AD5668BCPZ-1-RL7 Datasheet (HTML) - Analog Devices

Back Button AD5668BCPZ-1-RL7 Datasheet HTML 1Page - Analog Devices AD5668BCPZ-1-RL7 Datasheet HTML 2Page - Analog Devices AD5668BCPZ-1-RL7 Datasheet HTML 3Page - Analog Devices AD5668BCPZ-1-RL7 Datasheet HTML 4Page - Analog Devices AD5668BCPZ-1-RL7 Datasheet HTML 5Page - Analog Devices AD5668BCPZ-1-RL7 Datasheet HTML 6Page - Analog Devices AD5668BCPZ-1-RL7 Datasheet HTML 7Page - Analog Devices AD5668BCPZ-1-RL7 Datasheet HTML 8Page - Analog Devices AD5668BCPZ-1-RL7 Datasheet HTML 9Page - Analog Devices AD5668BCPZ-1-RL7 Datasheet HTML 10Page - Analog Devices Next Button 

AD5668BCPZ-1-RL7 Product details

GENERAL DESCRIPTION
The AD5628/AD5648/AD5668 devices are low power, octal, 12-/14-/16-bit, buffered voltage-output DACs. All devices operate from a single 2.7 V to 5.5 V supply and are guaranteed monotonic by design. The AD5668 and AD5628 are available in both a 4 mm × 4 mm LFCSP and a 16-lead TSSOP, while the AD5648 is available in both a 14-lead and 16-lead TSSOP.

FEATURES
    Low power, small footprint, pin-compatible octal DACs
        AD5668: 16 bits
        AD5648: 14 bits
        AD5628: 12 bits
    14-lead/16-lead TSSOP, 16-lead LFCSP, and 16-ball WLCSP
    On-chip 1.25 V/2.5 V, 5 ppm/°C reference
    Power down to 400 nA at 5 V, 200 nA at 3 V
    2.7 V to 5.5 V power supply
    Guaranteed monotonic by design
    Power-on reset to zero scale or midscale
    3 power-down functions
    Hardware LDAC and LDAC override function
    CLR function to programmable code
    Rail-to-rail operation

APPLICATIONS
    Process control
    Data acquisition systems
    Portable battery-powered instruments
    Digital gain and offset adjustment
    Programmable voltage and current sources
    Programmable attenuators




Similar Part No. - AD5668BCPZ-1-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5668BRUZ-1 AD-AD5668BRUZ-1 Datasheet
306Kb / 24P
   Octal, 12-14-16 Bit Dac with 10ppm/째C Max On-Chip Reference in 14-Lead TSSOP
Rev. PrA
More results


Similar Description - AD5668BCPZ-1-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5629R AD-AD5629R Datasheet
1Mb / 32P
   Octal, 12-/16-Bit, I2C, denseDACs with 5 ppm/째C On-Chip Reference
REV. B
AD5624R AD-AD5624R_V01 Datasheet
843Kb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference
Rev. D
AD5672R AD-AD5672R Datasheet
865Kb / 34P
   Octal, 12-/16-Bit nanoDAC with ppm/째C Reference, SPI Interface
AD5625R AD-AD5625R_13 Datasheet
1Mb / 36P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/째C On-Chip Reference, I2C Interface
REV. C
AD5627R AD-AD5627R_07 Datasheet
1Mb / 32P
   Dual, 12-/14-/16-Bit nanoDACs짰 with 5 ppm/째C On-Chip Reference, I2C짰 Interface
REV. 0
AD5620 AD-AD5620_10 Datasheet
538Kb / 28P
   Single, 12-/14-/16-Bit nanoDAC with 5 ppm/째C On-Chip Reference in SOT-23
Rev. F
logo
Texas Instruments
DAC80508Z TI1-DAC80508Z Datasheet
2Mb / 53P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508 Datasheet
217Kb / 8P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
DAC80508 TI1-DAC80508_18 Datasheet
2Mb / 55P
[Old version datasheet]   Octal, 16-, 14-, 12-Bit, SPI, Voltage Output DAC with Internal Reference
logo
Analog Devices
AD5624R AD-AD5624R_15 Datasheet
1Mb / 28P
   Quad, 12-/14-/16-Bit nanoDACs with 5 ppm/C On-Chip Reference
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com