Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-1650-L0002 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HLMP-1650-L0002 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HLMP-1650-L0002
Download  HLMP-1650-L0002 Download

File Size   684.79 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps

HLMP-1650-L0002 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-1650-L0002 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-1650-L0002
Download  HLMP-1650-L0002 Click to download

File Size   684.79 Kbytes
Page   12 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps

HLMP-1650-L0002 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-1650-L0002 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1650-L0002 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1650-L0002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1650-L0002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1650-L0002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1650-L0002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1650-L0002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1650-L0002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-1650-L0002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-1650-L0002 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button 

HLMP-1650-L0002 Product details

Description
These non-diffused lamps out-perform conventional LED lamps. By utilizing new higher intensity material, we achieve superior product performance.
The HLMP-3750/-3390/-1340 Series Lamps are Gallium Arsenide Phosphide on Gallium Phosphide red light emitting diodes. The HLMP-3850/-3490/-1440 Series are Gallium Arsenide Phosphide on Gallium Phosphide yellow light emitting diodes. The HLMP-3950/3590/3960/1540/ K640 Series Lamps are Gallium Phosphide green light emitting diodes.

Features
• Improved brightness
• Improved color performance
• Available in popular T-1 and T-13/4 packages
• New sturdy leads
• IC compatible/low current capability
• Reliable and rugged
• Choice of 3 bright colors
    - High Efciency Red
    - High Brightness Yellow
    - High Performance Green

Applications
• Lighted switches
• Backlighting front panels
• Light pipe sources
• Keyboard indicators




Similar Part No. - HLMP-1650-L0002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1650OB00 HP-HLMP-1650OB00 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-1650OB01 HP-HLMP-1650OB01 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-1650OB02 HP-HLMP-1650OB02 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-1650OBA1 HP-HLMP-1650OBA1 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-1650OBA2 HP-HLMP-1650OBA2 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
More results


Similar Description - HLMP-1650-L0002

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-4700 HP-HLMP-4700 Datasheet
192Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1700 AVAGO-HLMP-1700 Datasheet
410Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
HLMP-1790 AVAGO-HLMP-1790 Datasheet
291Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
Broadcom Corporation.
HLMP-4700 BOARDCOM-HLMP-4700 Datasheet
293Kb / 10P
   T-13/4 (5 mm), T-1 (3 mm), Low Current LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3707 AVAGO-HLMP-3707 Datasheet
889Kb / 12P
   T-13/4 (5 mm), T-1 (3 mm), Ultra?멊right LED Lamps New sturdy leads
logo
Agilent(Hewlett-Packard...
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com