Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0603HP Datasheet (PDF) - Coilcraft lnc.

0603HP Datasheet PDF - Coilcraft lnc.
Part # 0603HP_12
Download  0603HP Download

File Size   150.3 Kbytes
Page   2 Pages
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.
Description Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz

0603HP Datasheet (PDF)

Go To PDF Page Download Datasheet
0603HP Datasheet PDF - Coilcraft lnc.

Part # 0603HP_12
Download  0603HP Click to download

File Size   150.3 Kbytes
Page   2 Pages
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.
Description Higher Q and lower DCR than other 0603 inductors, Highest SRF values ??as high as 16 GHz

0603HP Datasheet (HTML) - Coilcraft lnc.

0603HP_12 Datasheet HTML 1Page - Coilcraft lnc. 0603HP_12 Datasheet HTML 2Page - Coilcraft lnc.



Similar Part No. - 0603HP_12

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0603HP-12NXGLU COILCRAFT-0603HP-12NXGLU Datasheet
157Kb / 2P
   Chip Inductors ??0603HP Series (1608)
0603HP-12NX_L COILCRAFT-0603HP-12NX_L Datasheet
233Kb / 2P
   Chip Inductors
More results


Similar Description - 0603HP_12

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
0402HL COILCRAFT-0402HL Datasheet
301Kb / 2P
   Higher inductance values than other 0402 ceramic chip inductors
1008PS COILCRAFT-1008PS_12 Datasheet
250Kb / 2P
   Higher SRF than our other power inductors, High inductance with tight tolerance
1008LS COILCRAFT-1008LS_13 Datasheet
139Kb / 2P
   Lower DCR than other 1008 inductors, Ferrite construction for high current handling
logo
Ohmite Mfg. Co.
RES-14984 OHMITE-RES-14984 Datasheet
128Kb / 1P
   Available for ohmic values other than those listed
logo
Vishay Siliconix
IFC-0805 VISHAY-IFC-0805 Datasheet
239Kb / 2P
   High Q/SRF, Low Value Chip Inductors
Revision: 10-Aug-06
logo
Shenzhen Huazhimei Semi...
HM25N120T HMSEMI-HM25N120T Datasheet
548Kb / 8P
   DAXIN?셲 IGBTs offer lower losses and higher energy for application such as motor drive ,UPS, inverter and other soft switching applications.
logo
Vishay Siliconix
IFC-0603 VISHAY-IFC-0603 Datasheet
77Kb / 2P
   High Q/SRF, Low Value Chip Inductors
Revision: 10-Aug-06
logo
Advanced Thermal Soluti...
ATS-52230P-C1-R0 ATS-ATS-52230P-C1-R0_17 Datasheet
286Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52270B-C1-R0 ATS-ATS-52270B-C1-R0_17 Datasheet
285Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
ATS-52290P-C1-R0 ATS-ATS-52290P-C1-R0_17 Datasheet
286Kb / 1P
   Higher performance helps ensure reliable product life at a lower cost than other extruded heat sinks
Rev - 040517
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com