Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-1601 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HLMP-1601 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HLMP-1601
Download  HLMP-1601 Download

File Size   202.15 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps

HLMP-1601 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-1601 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HLMP-1601
Download  HLMP-1601 Click to download

File Size   202.15 Kbytes
Page   8 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps

HLMP-1601 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED

HLMP-1601 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-1601 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-1601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-1601 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-1601 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-1601 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-1601 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-1601 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED

HLMP-1601 Product details

Description
The 5 volt and 12 volt series lamps contain an integral current limiting resistor in series with the LED. This allows the lamp to be driven from a 5 volt/12 volt source without an external current limiter. The red LEDs are made from GaAsP on a GaAs substrate. The High Efciency Red and Yellow devices use GaAsP on a GaP substrate.

Features
• Integral current limiting resistor
• TTL compatible
   Requires no external current Limiter with 5 volt/12 volt
   supply
• Cost effective
   Saves space and resistor cost
• Wide viewing angle
• Available in all colors
   Red, High Efciency Red, Yellow, and High Performance
   Green in T-1 and T-13/4 packages




Similar Part No. - HLMP-1601

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-1601 HP-HLMP-1601 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1601 AVAGO-HLMP-1601 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1601OB00 HP-HLMP-1601OB00 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-1601OB01 HP-HLMP-1601OB01 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
HLMP-1601OB02 HP-HLMP-1601OB02 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
More results


Similar Description - HLMP-1601

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-1600 BOARDCOM-HLMP-1600 Datasheet
230Kb / 8P
   T??3/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-1600 HP-HLMP-1600 Datasheet
157Kb / 8P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt, Integrated Resistor LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-1600 AVAGO-HLMP-1600_07 Datasheet
141Kb / 9P
   T-13/4 (5 mm), T-1 (3 mm), 5 Volt, 12 Volt Integrated Resistor LED Lamps
logo
QT Optoelectronics
MR3050 QT-MR3050 Datasheet
264Kb / 3P
   INTEGRATED T-1 3/4 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
MR5060 QT-MR5060 Datasheet
261Kb / 3P
   INTEGRATED T-1 RESISTOR LAMPS 5 VOLT AND 12 VOLT SERIES
HLMP-6600 QT-HLMP-6600 Datasheet
211Kb / 2P
   subminiature t-3/4 5-volt resistor lamps
logo
Agilent(Hewlett-Packard...
HLMP-DB25-B00XX HP-HLMP-DB25-B00XX Datasheet
217Kb / 6P
   T-1 3/4 (5 mm), T-1 (3 mm) Blue LED Lamps
logo
Broadcom Corporation.
HLMP-3707 BOARDCOM-HLMP-3707 Datasheet
1Mb / 15P
   T-1 3/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Chicago Miniature Lamp,...
4302H-5V CML-4302H-5V Datasheet
24Kb / 1P
   12V Series Integrated Resistor-5 Volt and 12 Volt Operation T-1 3/4 (5mm)
logo
Agilent(Hewlett-Packard...
HLMP-3301 HP-HLMP-3301 Datasheet
215Kb / 11P
   T-1 3/4 (5 mm) Diffused LED Lamps
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com