Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD5N60C Datasheet (PDF) - Fairchild Semiconductor

FQD5N60C Datasheet PDF - Fairchild Semiconductor
Part # FQD5N60C
Download  FQD5N60C Download

File Size   1830.56 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm

FQD5N60C Datasheet (PDF)

Go To PDF Page Download Datasheet
FQD5N60C Datasheet PDF - Fairchild Semiconductor

Part # FQD5N60C
Download  FQD5N60C Click to download

File Size   1830.56 Kbytes
Page   9 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel QFET MOSFET 600 V, 2.8 A, 2.5 Ohm

FQD5N60C Datasheet (HTML) - Fairchild Semiconductor

FQD5N60C Datasheet HTML 1Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 2Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 3Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 4Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 5Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 6Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 7Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 8Page - Fairchild Semiconductor FQD5N60C Datasheet HTML 9Page - Fairchild Semiconductor

FQD5N60C Product details

General Description

These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary, planar stripe, DMOS technology.

This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficiency switched mode power supplies, active power factor correction, electronic lamp ballasts based on half bridge topology.



Features

• 2.8A, 600V, RDS(on)= 2.5Ω@VGS= 10 V

• Low gate charge ( typical 15 nC)

• Low Crss ( typical 6.5 pF)

• Fast switching

• 100% avalanche tested

• Improved dv/dt capability




Similar Part No. - FQD5N60C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD5N60C FAIRCHILD-FQD5N60C Datasheet
615Kb / 9P
   600V N-Channel MOSFET
FQD5N60C FAIRCHILD-FQD5N60C Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD5N60C FAIRCHILD-FQD5N60C Datasheet
641Kb / 9P
   600V N-Channel MOSFET
FQD5N60CTF FAIRCHILD-FQD5N60CTF Datasheet
641Kb / 9P
   600V N-Channel MOSFET
FQD5N60CTM FAIRCHILD-FQD5N60CTM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
More results


Similar Description - FQD5N60C

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
KSMU5N60C KERSEMI-KSMU5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
KSMD5N60C KERSEMI-KSMD5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
logo
MagnaChip Semiconductor...
MDD3N50G MGCHIP-MDD3N50G Datasheet
1Mb / 6P
   N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
MDF3N50 MGCHIP-MDF3N50 Datasheet
769Kb / 6P
   N-Channel MOSFET 500V, 2.8 A, 2.5(ohm)
logo
Fairchild Semiconductor
FQU5N40TU FAIRCHILD-FQU5N40TU Datasheet
735Kb / 9P
   N-Channel QFET MOSFET 400 V, 3.4 A, 1.6 Ohm
FQN1N50CTA FAIRCHILD-FQN1N50CTA Datasheet
3Mb / 8P
   N-Channel QFET MOSFET 500 V, 0.38 A, 6 Ohm
FQPF9N90CT FAIRCHILD-FQPF9N90CT Datasheet
1Mb / 10P
   N-Channel QFET MOSFET 900 V, 8.0 A, 1.4 Ohm
FQP2N60C FAIRCHILD-FQP2N60C_V01 Datasheet
1Mb / 10P
   N-Channel QFET® MOSFET 600 V, 2 A, 4.7 Ω
2003 Fairchild Semiconductor Corporation
FQA11N90C-F109 FAIRCHILD-FQA11N90C-F109 Datasheet
1Mb / 8P
   FQA11N90C_F109 N-Channel QFET MOSFET 900 V, 11 A, 1.1 Ohm
FQT1N60CTF-WS FAIRCHILD-FQT1N60CTF-WS Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 600V, 0.2 A, 11.5 Ohm
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com