Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8694ARZ Datasheet (PDF) - Analog Devices

AD8694ARZ Datasheet PDF - Analog Devices
Part # AD8694ARZ
Download  AD8694ARZ Download

File Size   396.67 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Noise, CMOS, RRO Operational Amplifiers

AD8694ARZ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8694ARZ Datasheet PDF - Analog Devices

Part # AD8694ARZ
Download  AD8694ARZ Click to download

File Size   396.67 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Cost, Low Noise, CMOS, RRO Operational Amplifiers

AD8694ARZ Datasheet (HTML) - Analog Devices

Back Button AD8694ARZ Datasheet HTML 1Page - Analog Devices AD8694ARZ Datasheet HTML 2Page - Analog Devices AD8694ARZ Datasheet HTML 3Page - Analog Devices AD8694ARZ Datasheet HTML 4Page - Analog Devices AD8694ARZ Datasheet HTML 5Page - Analog Devices AD8694ARZ Datasheet HTML 6Page - Analog Devices AD8694ARZ Datasheet HTML 7Page - Analog Devices AD8694ARZ Datasheet HTML 8Page - Analog Devices AD8694ARZ Datasheet HTML 9Page - Analog Devices AD8694ARZ Datasheet HTML 10Page - Analog Devices Next Button 

AD8694ARZ Product details

GENERAL DESCRIPTION
The AD8691, AD8692, and AD8694 are low cost, single, dual, and quad rail-to-rail output, single-supply amplifiers featuring low offset and input voltages, low current noise, and wide signal bandwidth. The combination of low offset, low noise, very low input bias currents, and high speed make these amplifiers useful in a wide variety of applications. Filters, integrators, photodiode amplifiers, and high impedance sensors all benefit from this combination of performance features. Audio and other ac applications benefit from the wide bandwidth and low distortion of these devices.

FEATURES
   Offset voltage: 400 µV typical
   Low offset voltage drift: 6 µV/°C maximum (AD8692/AD8694)
   Very low input bias currents: 1 pA maximum
   Low noise: 8 nV/√Hz
   Low distortion: 0.0006%
   Wide bandwidth: 10 MHz
   Unity-gain stable
   Single-supply operation: 2.7 V to 6 V
   Qualified for automotive applications

APPLICATIONS
   Photodiode amplification
   Battery-powered instrumentation
   Medical instruments
   Multipole filters
   Sensors
   Portable audio devices




Similar Part No. - AD8694ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8694ARZ AD-AD8694ARZ Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8694ARZ AD-AD8694ARZ Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
AD8694ARZ AD-AD8694ARZ Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
AD8694ARZ-REEL AD-AD8694ARZ-REEL Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8694ARZ-REEL AD-AD8694ARZ-REEL Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
More results


Similar Description - AD8694ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8691 AD-AD8691_13 Datasheet
316Kb / 16P
   Low Cost, Low Noise, CMOS, RRO Operational Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
AD8691 AD-AD8691 Datasheet
477Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. B
AD8691 AD-AD8691_07 Datasheet
433Kb / 12P
   Low Cost, Low Noise, CMOS Rail-to-Rail Output Operational Amplifiers
REV. C
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613 Datasheet
333Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to- Rail, Input/Output Operational Amplifiers
REV. B
AD8613 AD-AD8613_10 Datasheet
305Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
Rev. E
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
AD8613 AD-AD8613_16 Datasheet
291Kb / 16P
   Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com