Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C450TR2436-S3000 Datasheet (PDF) - Cree, Inc

C450TR2436-S3000 Datasheet PDF - Cree, Inc
Part # C450TR2436-S3000
Download  C450TR2436-S3000 Download

File Size   344.05 Kbytes
Page   6 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA

C450TR2436-S3000 Datasheet (PDF)

Go To PDF Page Download Datasheet
C450TR2436-S3000 Datasheet PDF - Cree, Inc

Part # C450TR2436-S3000
Download  C450TR2436-S3000 Click to download

File Size   344.05 Kbytes
Page   6 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Rectangular LED Rf Performance Low Forward Voltage - 3.1 V Typical at 20 mA

C450TR2436-S3000 Datasheet (HTML) - Cree, Inc

C450TR2436-S3000 Datasheet HTML 1Page - Cree, Inc C450TR2436-S3000 Datasheet HTML 2Page - Cree, Inc C450TR2436-S3000 Datasheet HTML 3Page - Cree, Inc C450TR2436-S3000 Datasheet HTML 4Page - Cree, Inc C450TR2436-S3000 Datasheet HTML 5Page - Cree, Inc C450TR2436-S3000 Datasheet HTML 6Page - Cree, Inc



Similar Part No. - C450TR2436-S3000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
More results


Similar Description - C450TR2436-S3000

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C450TR2432-S2400 CREE-C450TR2432-S2400 Datasheet
350Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR3041-S3000 CREE-C450TR3041-S3000 Datasheet
303Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.2 V Typical at 20 mA
C450TR2227-S2100 CREE-C450TR2227-S2100 Datasheet
389Kb / 5P
   Rectangular LED Rf Performance Low Forward Voltage - 3.3 V Typical at 20 mA
C450TR260-S3300 CREE-C450TR260-S3300 Datasheet
340Kb / 6P
   Rectangular LED RF Performance Low Forward Voltage - 3.1 V typ at 20 mA
C450TR2436-S3000 CREE-C450TR2436-S3000_16 Datasheet
290Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C450TR2432-S2700 CREE-C450TR2432-S2700 Datasheet
297Kb / 6P
   Low Forward Voltage - 3.1 V Typical at 20 mA
C460RT320-0313 CREE-C460RT320-0313 Datasheet
375Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT320-S1700 CREE-C460RT320-S1700_16 Datasheet
188Kb / 6P
   Reduced Forward Voltage 3.1 V Typical at 20 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
   Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C450TR2227-S2100 CREE-C450TR2227-S2100_16 Datasheet
356Kb / 5P
   Low Forward Voltage - 3.3 V Typical at 20 mA
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com