Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMA121R1 Datasheet (PDF) - Fairchild Semiconductor

HMA121R1 Datasheet PDF - Fairchild Semiconductor
Part # HMA121R1
Download  HMA121R1 Download

File Size   502.58 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS

HMA121R1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMA121R1 Datasheet PDF - Fairchild Semiconductor

Part # HMA121R1
Download  HMA121R1 Click to download

File Size   502.58 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description FULL PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS

HMA121R1 Datasheet (HTML) - Fairchild Semiconductor

HMA121R1 Datasheet HTML 1Page - Fairchild Semiconductor HMA121R1 Datasheet HTML 2Page - Fairchild Semiconductor HMA121R1 Datasheet HTML 3Page - Fairchild Semiconductor HMA121R1 Datasheet HTML 4Page - Fairchild Semiconductor HMA121R1 Datasheet HTML 5Page - Fairchild Semiconductor HMA121R1 Datasheet HTML 6Page - Fairchild Semiconductor HMA121R1 Datasheet HTML 7Page - Fairchild Semiconductor HMA121R1 Datasheet HTML 8Page - Fairchild Semiconductor HMA121R1 Datasheet HTML 9Page - Fairchild Semiconductor HMA121R1 Datasheet HTML 10Page - Fairchild Semiconductor

HMA121R1 Product details

DESCRIPTION

The HMA124, HMA121 series and HMA2701 series consists of a gallium arsenide infrared emitting diode driving a silicon phototransistor in a compact 4-pin mini-flat package. The lead pitch is 2.54 mm.

The HMAA2705 consists of two gallium arsenide infrared emitting diodes, connected in inverse parallel, driving a single silicon phototransistor in a compact 4-pin mini-flat package. The lead pitch is 2.54mm.



FEATURES

• Compact 4-pin package

(2.4 mm maximum standoff height)

• Current Transfer Ratio in selected groups

HMA121: 50–600% HMA2701: 50–300%

HMA121A: 100–300% HMA2701A: 150–300%

HMA121B: 50–150% HMA2701B: 80–160%

HMA121C: 100–200% HMA124: 100% MIN

HMA121D: 50–100% HMAA2705: 50–300%

HMA121E: 150–300%

HMA121F: 100–600%

• Available in tape and reel quantities of 500 and 2500.

• Applicable to Infrared Ray reflow (230°C max, 30 seconds.)

• Creepage ≥5 mm, typical 5.2 mm

• Clearance ≥5 mm, typical 5.2 mm




Similar Part No. - HMA121R1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
HMA0207 VISHAY-HMA0207 Datasheet
115Kb / 2P
   Metal Film Resistors, Power Type, Miniature
Revision 02-Aug-02
logo
Littelfuse
HMA251-73 LITTELFUSE-HMA251-73 Datasheet
455Kb / 4P
   H/I-Series
HMA251-78 LITTELFUSE-HMA251-78 Datasheet
455Kb / 4P
   H/I-Series
HMA271-73 LITTELFUSE-HMA271-73 Datasheet
455Kb / 4P
   H/I-Series
HMA271-78 LITTELFUSE-HMA271-78 Datasheet
455Kb / 4P
   H/I-Series
More results


Similar Description - HMA121R1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FODM2705R2 FAIRCHILD-FODM2705R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2705R1 FAIRCHILD-FODM2705R1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR1 FAIRCHILD-FODM121AR1 Datasheet
632Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121 FAIRCHILD-FODM121 Datasheet
634Kb / 10P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM124R2V FAIRCHILD-FODM124R2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121BR2 FAIRCHILD-FODM121BR2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM121AR2V FAIRCHILD-FODM121AR2V Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
FODM2701R2 FAIRCHILD-FODM2701R2 Datasheet
1Mb / 11P
   4-Pin Full Pitch Mini-Flat Package Transistor Output Optocouplers
HMHAA280 FAIRCHILD-HMHAA280_06 Datasheet
510Kb / 9P
   Half Pitch Mini-Flat Package 4-Pin Optocouplers
HMHAA280 FAIRCHILD-HMHAA280 Datasheet
533Kb / 9P
   HALF PITCH MINI-FLAT PACKAGE 4-PIN OPTOCOUPLERS
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com