Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA75639P3 Datasheet (PDF) - Fairchild Semiconductor

HUFA75639P3 Datasheet PDF - Fairchild Semiconductor
Part # HUFA75639P3
Download  HUFA75639P3 Download

File Size   221.93 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs

HUFA75639P3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUFA75639P3 Datasheet PDF - Fairchild Semiconductor

Part # HUFA75639P3
Download  HUFA75639P3 Click to download

File Size   221.93 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs

HUFA75639P3 Datasheet (HTML) - Fairchild Semiconductor

HUFA75639P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA75639P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA75639P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA75639P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA75639P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA75639P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA75639P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA75639P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA75639P3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA75639P3 Datasheet HTML 10Page - Fairchild Semiconductor

HUFA75639P3 Product details

These N-Channel power MOSFETs are manufactured using the innovative UltraFET® process. This advanced process technology achieves the lowest possible on-resistance per silicon area, resulting in outstanding performance. This device is capable of withstanding high energy in the avalanche mode and the diode exhibits very low reverse recovery time and stored charge. It was designed for use in applications where power efficiency is important, such as switching regulators, switching converters, motor drivers, relay drivers, lowvoltage bus switches, and power management in portable and battery-operated products.

Features
• 56A, 100V
• Simulation Models
   - Temperature Compensated PSPICE® and SABER™ Electrical Models
   - Spice and Saber Thermal Impedance Models
   - www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Related Literature
   - TB334, “Guidelines for Soldering Surface Mount Components to PC Boards”




Similar Part No. - HUFA75639P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
More results


Similar Description - HUFA75639P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF75639G3 FAIRCHILD-HUF75639G3 Datasheet
229Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUFA75639S3ST FAIRCHILD-HUFA75639S3ST Datasheet
236Kb / 7P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HUF75639S3ST FAIRCHILD-HUF75639S3ST Datasheet
234Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
logo
Intersil Corporation
HUF75639G3 INTERSIL-HUF75639G3 Datasheet
370Kb / 9P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFETs
HAF70009 INTERSIL-HAF70009 Datasheet
107Kb / 10P
   56A, 100V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
August 1999
logo
Fairchild Semiconductor
HUF75639S3R4851 FAIRCHILD-HUF75639S3R4851 Datasheet
204Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
logo
Intersil Corporation
HUF75639S3R4851 INTERSIL-HUF75639S3R4851 Datasheet
136Kb / 10P
   56A, 115V, 0.025 Ohm, N-Channel UltraFET Power MOSFET
HUF76129P3 INTERSIL-HUF76129P3 Datasheet
108Kb / 10P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
logo
Fairchild Semiconductor
HUF76129P3 FAIRCHILD-HUF76129P3 Datasheet
289Kb / 11P
   56A, 30V, 0.016 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com