Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA1A-12V-N-5 Datasheet (PDF) - Panasonic Semiconductor

CA1A-12V-N-5 Datasheet PDF - Panasonic Semiconductor
Part # CA1A-12V-N-5
Download  CA1A-12V-N-5 Download

File Size   112.36 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT

CA1A-12V-N-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
CA1A-12V-N-5 Datasheet PDF - Panasonic Semiconductor

Part # CA1A-12V-N-5
Download  CA1A-12V-N-5 Click to download

File Size   112.36 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description AUTOMOTIVE POWER RELAYS - SMALL SIZE, LIGHT WEIGHT

CA1A-12V-N-5 Datasheet (HTML) - Panasonic Semiconductor

CA1A-12V-N-5 Datasheet HTML 1Page - Panasonic Semiconductor CA1A-12V-N-5 Datasheet HTML 2Page - Panasonic Semiconductor CA1A-12V-N-5 Datasheet HTML 3Page - Panasonic Semiconductor CA1A-12V-N-5 Datasheet HTML 4Page - Panasonic Semiconductor CA1A-12V-N-5 Datasheet HTML 5Page - Panasonic Semiconductor CA1A-12V-N-5 Datasheet HTML 6Page - Panasonic Semiconductor

CA1A-12V-N-5 Product details

FEATURES
• Small size and light weight
   For space saving, the outside dimensions
   of the main body are reduced to be 21.5
   mm (length) × 14.4 mm (width) × 37 mm
   (height) (.846 × .567 × 1.457 inch) and
   the weight is also reduced to be approx.
   19 g .67 oz (direct coupling 1 Form A, 1 Form B type)
• Low operating power (1.4W) type is available (1 Form A, 1 Form B)
• Since the terminal arrangement
   complies with JIS D5011 B4-M1,
   commercial connectors are available
for these types of relays.
• Superior inrush characteristics
   Despite its small size, 120A (max. 0.1 s)
   capacity has been achieved by using
   contacts that are good at withstanding
   inrush currents and because of an
   ingenious contacting mechanism.
   (1 Form A and 1 Form B)

TYPICAL APPLICATIONS
• Motorcycles and automobiles
   Motorcycle cell motors, car air
   conditioners, halogen lamps, etc.
• Agricultural equipment
• Battery equipped devices such as
   conveyance vehicles




Similar Part No. - CA1A-12V-N-5

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CA1A-12V-N-5 NAIS-CA1A-12V-N-5 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
More results


Similar Description - CA1A-12V-N-5

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
CA1 NAIS-CA1 Datasheet
134Kb / 5P
   AUTOMOTIVE POWER RELAYS SMALL SIZE, LIGHT WEIGHT AND COMPLETELY WATER TIGHT
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NT742B HUAXINAN-NT742B Datasheet
333Kb / 1P
   Small size, light weight
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com