Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD22M3494SQ Datasheet (PDF) - Intersil Corporation

CD22M3494SQ Datasheet PDF - Intersil Corporation
Part # CD22M3494SQ
Download  CD22M3494SQ Download

File Size   627.83 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16 x 8 x 1 BiMOS-E Crosspoint Switch

CD22M3494SQ Datasheet (PDF)

Go To PDF Page Download Datasheet
CD22M3494SQ Datasheet PDF - Intersil Corporation

Part # CD22M3494SQ
Download  CD22M3494SQ Click to download

File Size   627.83 Kbytes
Page   8 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 16 x 8 x 1 BiMOS-E Crosspoint Switch

CD22M3494SQ Datasheet (HTML) - Intersil Corporation

CD22M3494SQ Datasheet HTML 1Page - Intersil Corporation CD22M3494SQ Datasheet HTML 2Page - Intersil Corporation CD22M3494SQ Datasheet HTML 3Page - Intersil Corporation CD22M3494SQ Datasheet HTML 4Page - Intersil Corporation CD22M3494SQ Datasheet HTML 5Page - Intersil Corporation CD22M3494SQ Datasheet HTML 6Page - Intersil Corporation CD22M3494SQ Datasheet HTML 7Page - Intersil Corporation CD22M3494SQ Datasheet HTML 8Page - Intersil Corporation

CD22M3494SQ Product details

16 x 8 x 1 BiMOS-E Crosspoint Switch



The Intersil CD22M3494 is an array of 128 analog switches capable of handling signals from DC to video. Because of the switch structure, input signals may swing through the total supply voltage range, VDDto VEE. Each of the 128 switches may be addressed via the ADDRESS input to the 7

to 128 line decoder.



Features

• 128 Analog Switches

• Low rON

• Guaranteed rONMatching

• Analog Signal Input Voltage Equal to the Supply Voltage

• Wide Operating Voltage . . . . . . . . . . . . . . . . . .  4V to 15V

• Parallel Input Addressing

• High Latch Up Current . . . . . . . . . . . . . . . . . . 50mA (Min)

• Very Low Crosstalk

• Pin and Functionally Compatible with the Following Types: SGS M3494 and Mitel MT8816

• Pb-Free Plus Anneal Available (RoHS Compliant)



Applications

• PBX Systems

• Instrumentation

• Analog and Digital Multiplexers

• Video Switching Networks




Similar Part No. - CD22M3494SQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22M3494SQ INTERSIL-CD22M3494SQ Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
CD22M3494SQ INTERSIL-CD22M3494SQ Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494SQZ INTERSIL-CD22M3494SQZ Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Renesas Technology Corp
CD22M3494SQZ RENESAS-CD22M3494SQZ Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
More results


Similar Description - CD22M3494SQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD22M3494 INTERSIL-CD22M3494_06 Datasheet
556Kb / 8P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
CD22M3494 INTERSIL-CD22M3494 Datasheet
47Kb / 7P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Renesas Technology Corp
CD22M3494 RENESAS-CD22M3494 Datasheet
546Kb / 10P
   16 x 8 x 1 BiMOS-E Crosspoint Switch
logo
Intersil Corporation
CD22M3493 INTERSIL-CD22M3493 Datasheet
37Kb / 6P
   12 x 8 x 1 BiMOS-E Crosspoint Switch
January 1997
logo
Analog Devices
AD75019 AD-AD75019 Datasheet
72Kb / 4P
   16 x 16 Crosspoint Switch Array
REV. C
ADV3224 AD-ADV3224 Datasheet
670Kb / 24P
   750 MHz, 16 x 8 Analog Crosspoint Switch
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
logo
Texas Instruments
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com