Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA76413D3 Datasheet (PDF) - Fairchild Semiconductor

HUFA76413D3 Datasheet PDF - Fairchild Semiconductor
Part # HUFA76413D3
Download  HUFA76413D3 Download

File Size   205.59 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

HUFA76413D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HUFA76413D3 Datasheet PDF - Fairchild Semiconductor

Part # HUFA76413D3
Download  HUFA76413D3 Click to download

File Size   205.59 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs

HUFA76413D3 Datasheet (HTML) - Fairchild Semiconductor

HUFA76413D3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 10Page - Fairchild Semiconductor

HUFA76413D3 Product details

Features
• Ultra Low On-Resistance
   - rDS(ON) = 0.049Ω, VGS = 10V
   - rDS(ON) = 0.056Ω, VGS = 5V
• Simulation Models
   - Temperature Compensated PSPICE® and SABER™ Electrical Models
   - Spice and SABER Thermal Impedance Models
   - www.fairchildsemi.com
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• Switching Time vs RGS Curves




Similar Part No. - HUFA76413D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Power MOSFET 60V, 4.8A, 56m?
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T_10 Datasheet
622Kb / 11P
   N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
More results


Similar Description - HUFA76413D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76413D3 INTERSIL-HUF76413D3 Datasheet
105Kb / 9P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423D3 FAIRCHILD-HUFA76423D3 Datasheet
200Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76413P3 FAIRCHILD-HUFA76413P3 Datasheet
207Kb / 10P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76413P3 INTERSIL-HUF76413P3 Datasheet
105Kb / 9P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76423D3 FAIRCHILD-HUF76423D3 Datasheet
199Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETFairchild
logo
Intersil Corporation
HUF76419D3 INTERSIL-HUF76419D3 Datasheet
332Kb / 9P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76419D3 FAIRCHILD-HUF76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com