Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF130-133 Datasheet (PDF) - Fairchild Semiconductor

IRF130-133 Datasheet PDF - Fairchild Semiconductor
Part # IRF130-133
Download  IRF130-133 Download

File Size   180.59 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power MOSFETs, 20 A, 60-100 V

IRF130-133 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF130-133 Datasheet PDF - Fairchild Semiconductor

Part # IRF130-133
Download  IRF130-133 Click to download

File Size   180.59 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power MOSFETs, 20 A, 60-100 V

IRF130-133 Datasheet (HTML) - Fairchild Semiconductor

IRF130-133 Datasheet HTML 1Page - Fairchild Semiconductor IRF130-133 Datasheet HTML 2Page - Fairchild Semiconductor IRF130-133 Datasheet HTML 3Page - Fairchild Semiconductor IRF130-133 Datasheet HTML 4Page - Fairchild Semiconductor IRF130-133 Datasheet HTML 5Page - Fairchild Semiconductor IRF130-133 Datasheet HTML 6Page - Fairchild Semiconductor

IRF130-133 Product details

Description
These devices are n-channel, enhancement mode, power MOSFETs designed especially for high power, high speed applications, such as switching power, supplies, UPS, AC and DC motor control, relay and solenoid drivers and high energy pulse circuits.

● Low RDS(on)
● VGS Rated at ±20 V
● Silicon Gate for Fast Switching Speeds
● IDSS, VDS(on), Specified at Elevated Temperature
● Rugged
● Low Drive Requirements
● Ease of Paralleling




Similar Part No. - IRF130-133

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF130 SEME-LAB-IRF130 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRF130 INTERSIL-IRF130 Datasheet
56Kb / 7P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFET
logo
International Rectifier
IRF130 IRF-IRF130 Datasheet
147Kb / 7P
   TRANSISTORS N-CHANNEL(Vdss=100V, Rds(on)=0.18ohm, Id=14A)
logo
New Jersey Semi-Conduct...
IRF130 NJSEMI-IRF130 Datasheet
106Kb / 3P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
More results


Similar Description - IRF130-133

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF120-123 FAIRCHILD-IRF120-123 Datasheet
166Kb / 5P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
New Jersey Semi-Conduct...
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
IRF140 NJSEMI-IRF140 Datasheet
103Kb / 3P
   N-Channel Power MOSFETs, 27 A, 60-100 V
IRF520 NJSEMI-IRF520 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
Fairchild Semiconductor
IRF150-153 FAIRCHILD-IRF150-153 Datasheet
125Kb / 4P
   N-Channel Power MOSFETs, 40 A, 60 V/100 V
2N6755 FAIRCHILD-2N6755 Datasheet
136Kb / 5P
   N-Channel Power MOSFETs, 14 A, 60 A/100 V
FMP20N05 FAIRCHILD-FMP20N05 Datasheet
126Kb / 4P
   N-Channel Power MOSFETs, 18-20 A, 50 V
logo
Texas Instruments
CSD18533Q5A TI-CSD18533Q5A Datasheet
1Mb / 11P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18537NQ5A TI1-CSD18537NQ5A_14 Datasheet
1Mb / 15P
[Old version datasheet]   60 V N-Channel NexFET??Power MOSFETs
CSD18534Q5A TI-CSD18534Q5A Datasheet
777Kb / 12P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com