Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTM8N35 Datasheet (PDF) - Fairchild Semiconductor

MTM8N35 Datasheet PDF - Fairchild Semiconductor
Part # MTM8N35
Download  MTM8N35 Download

File Size   154.43 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power MOSFETs, 10A, 350V/400V

MTM8N35 Datasheet (PDF)

Go To PDF Page Download Datasheet
MTM8N35 Datasheet PDF - Fairchild Semiconductor

Part # MTM8N35
Download  MTM8N35 Click to download

File Size   154.43 Kbytes
Page   5 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description N-Channel Power MOSFETs, 10A, 350V/400V

MTM8N35 Datasheet (HTML) - Fairchild Semiconductor

MTM8N35 Datasheet HTML 1Page - Fairchild Semiconductor MTM8N35 Datasheet HTML 2Page - Fairchild Semiconductor MTM8N35 Datasheet HTML 3Page - Fairchild Semiconductor MTM8N35 Datasheet HTML 4Page - Fairchild Semiconductor MTM8N35 Datasheet HTML 5Page - Fairchild Semiconductor

MTM8N35 Product details




Similar Part No. - MTM8N35

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTM8N35 MOTOROLA-MTM8N35 Datasheet
385Kb / 5P
   Power Field Effect Transistor N-Channel Enhancement-Mode Silicon Gate TMOS
logo
ARTSCHIP ELECTRONICS CO...
MTM8N35 ARTSCHIP-MTM8N35 Datasheet
345Kb / 5P
   N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
MTM8N35 ISC-MTM8N35 Datasheet
282Kb / 2P
   isc N-Channel MOSFET Transistor
2023-9-18
More results


Similar Description - MTM8N35

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF350-353 FAIRCHILD-IRF350-353 Datasheet
117Kb / 4P
   N-Channel Power MOSFETs, 15A, 350V/400V
2N6759 FAIRCHILD-2N6759 Datasheet
138Kb / 5P
   N-Channel Power MOSFETs, 5.5A, 350V/400V
2N6767 FAIRCHILD-2N6767 Datasheet
140Kb / 5P
   N-Channel Power MOSFETs, 15A, 350V/400V
logo
Intersil Corporation
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
   12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
RFM7N35 INTERSIL-RFM7N35 Datasheet
47Kb / 4P
   7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
   12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
logo
First Components Intern...
IRF740FP FCI-IRF740FP Datasheet
208Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
HIRF740 HSMC-HIRF740 Datasheet
50Kb / 4P
   N-Channel Power MOSFET (400V, 10A)
logo
First Components Intern...
IRF740 FCI-IRF740 Datasheet
444Kb / 3P
   10A 400V N CHANNEL POWER MOSFET
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com