Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EP2C8AT324C8N Datasheet (PDF) - Altera Corporation

EP2C8AT324C8N Datasheet PDF - Altera Corporation
Part # EP2C8AT324C8N
Download  EP2C8AT324C8N Download

File Size   2218.57 Kbytes
Page   168 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Section I. Cyclone II Device Family Data Sheet

EP2C8AT324C8N Datasheet (PDF)

Go To PDF Page Download Datasheet
EP2C8AT324C8N Datasheet PDF - Altera Corporation

Part # EP2C8AT324C8N
Download  EP2C8AT324C8N Click to download

File Size   2218.57 Kbytes
Page   168 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Section I. Cyclone II Device Family Data Sheet

EP2C8AT324C8N Datasheet (HTML) - Altera Corporation

Back Button EP2C8AT324C8N Datasheet HTML 1Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 2Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 3Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 4Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 5Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 6Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 7Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 8Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 9Page - Altera Corporation EP2C8AT324C8N Datasheet HTML 10Page - Altera Corporation Next Button 

EP2C8AT324C8N Product details

Introduction
Following the immensely successful first-generation Cyclone® device family, Altera® Cyclone II FPGAs extend the low-cost FPGA density range to 68,416 logic elements (LEs) and provide up to 622 usable I/O pins and up to 1.1 Mbits of embedded memory. Cyclone II FPGAs are manufactured on 300-mm wafers using TSMCs 90-nm low-k dielectric process to ensure rapid availability and low cost.

Features The Cyclone II device family offers the following features:
■ High-density architecture with 4,608 to 68,416 LEs
    ● M4K embedded memory blocks
    ● Up to 1.1 Mbits of RAM available without reducing available logic
    ● 4,096 memory bits per block (4,608 bits per block including 512 parity bits)
    ● Variable port configurations of ×1, ×2, ×4, ×8, ×9, ×16, ×18, ×32, and ×36
    ● True dual-port (one read and one write, two reads, or two writes) operation for ×1, ×2, ×4, ×8, ×9, ×16, and ×18 modes
    ● Byte enables for data input masking during writes
    ● Up to 260-MHz operation
■ Embedded multipliers
    ● Up to 150 18- × 18-bit multipliers are each configurable as two independent 9- × 9-bit multipliers with up to 250-MHz performance
    ● Optional input and output registers
■ Advanced I/O support
    ● High-speed differential I/O standard support, including LVDS, RSDS, mini-LVDS, LVPECL, differential HSTL, and differential SSTL
    ● Single-ended I/O standard support, including 2.5-V and 1.8-V, SSTL class I and II, 1.8-V and 1.5-V HSTL class I and II, 3.3-V PCI and PCI-X 1.0, 3.3-, 2.5-, 1.8-, and 1.5-V LVCMOS, and 3.3-, 2.5-, and 1.8-V LVTTL
    ● Peripheral Component Interconnect Special Interest Group (PCI SIG) PCI Local Bus Specification, Revision 3.0 compliance for 3.3-V operation at 33 or 66 MHz for 32- or 64-bit interfaces
    ● PCI Express with an external TI PHY and an Altera PCI Express ×1 Megacore® function
    ● 133-MHz PCI-X 1.0 specification compatibility
    ● High-speed external memory support, including DDR, DDR2, and SDR SDRAM, and QDRII SRAM supported by drop in Altera IP MegaCore functions for ease of use
    ● Three dedicated registers per I/O element (IOE): one input register, one output register, and one output-enable register
    ● Programmable bus-hold feature
    ● Programmable output drive strength feature
    ● Programmable delays from the pin to the IOE or logic array
    ● I/O bank grouping for unique VCCIO and/or VREF bank settings
    ● MultiVolt™ I/O standard support for 1.5-, 1.8-, 2.5-, and 3.3-interfaces
    ● Hot-socketing operation support
    ● Tri-state with weak pull-up on I/O pins before and during configuration
    ● Programmable open-drain outputs
    ● Series on-chip termination support
(Continue ...)



Similar Part No. - EP2C8AT324C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EP2C8A ALTERA-EP2C8A Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8A15F324C6ES ALTERA-EP2C8A15F324C6ES Datasheet
2Mb / 168P
   Cyclone II Device Family
EP2C8A15F324C6N ALTERA-EP2C8A15F324C6N Datasheet
2Mb / 168P
   Cyclone II Device Family
EP2C8A15F324C7ES ALTERA-EP2C8A15F324C7ES Datasheet
2Mb / 168P
   Cyclone II Device Family
More results


Similar Description - EP2C8AT324C8N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP2C20F484C6N ALTERA-EP2C20F484C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C7N ALTERA-EP2C5F256C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C15AF484C7N ALTERA-EP2C15AF484C7N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5F256C6N ALTERA-EP2C5F256C6N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C8Q208C6 ALTERA-EP2C8Q208C6 Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP2C5Q208C8N ALTERA-EP2C5Q208C8N Datasheet
2Mb / 168P
   Section I. Cyclone II Device Family Data Sheet
EP1C12F256C8N ALTERA-EP1C12F256C8N Datasheet
1Mb / 106P
   Section I. Cyclone FPGA Family Data Sheet
EP2S90F1020C4 ALTERA-EP2S90F1020C4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S90F1020I4N ALTERA-EP2S90F1020I4N Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
EP2S180F1508I4 ALTERA-EP2S180F1508I4 Datasheet
2Mb / 238P
   Section I. Stratix II Device Family Data Sheet
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com