Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2GBP20-C Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

S2GBP20-C Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # S2GBP20-C
Download  S2GBP20-C Download

File Size   224.1 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 200V ~800V 2.0 Amp Glass Passivited Bridge Rectifres

S2GBP20-C Datasheet (PDF)

Go To PDF Page Download Datasheet
S2GBP20-C Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # S2GBP20-C
Download  S2GBP20-C Click to download

File Size   224.1 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description Voltage 200V ~800V 2.0 Amp Glass Passivited Bridge Rectifres

S2GBP20-C Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

S2GBP20-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH S2GBP20-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH



Similar Part No. - S2GBP20-C

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
S2GB PACELEADER-S2GB Datasheet
129Kb / 2P
   SURFACE MOUNT STANDARD RECOVERY RECTIFIER
logo
Microdiode Electronics ...
S2GB CHENDA-S2GB Datasheet
615Kb / 2P
   SURFACE MOUNT GENERAL PURPOSE SILICON RECTIFIER
logo
Shanghai Yint Electroni...
S2GB YINT-S2GB Datasheet
488Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
SHIKUES Electronics
S2GBF SKTECHNOLGY-S2GBF Datasheet
439Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
logo
UN Semiconducctor INC
S2GBF UNSEMI-S2GBF Datasheet
2Mb / 4P
   Surface Mount General Purpose Silicon Rectifiers
Revision March 1,2022
More results


Similar Description - S2GBP20-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2GVB20-C SECOS-S2GVB20-C Datasheet
208Kb / 2P
   Voltage 200V ~800V 2 Amp Glass Passivited Bridge Rectifers
S1GVB20-C SECOS-S1GVB20-C Datasheet
204Kb / 2P
   Voltage 200V ~ 800V 1.0 Amp Glass Passivited Bridge Rectifiers
S25GBJ20-C SECOS-S25GBJ20-C Datasheet
216Kb / 2P
   Voltage 200V ~800V 25.0Amp Glass Passivited Bridge Rectifiers
S20GBJ20-C SECOS-S20GBJ20-C Datasheet
218Kb / 2P
   Voltage 200V ~800V 20.0Amp Glass Passivited Bridge Rectifiers
S15GBU20-C SECOS-S15GBU20-C Datasheet
227Kb / 2P
   Voltage 200V ~800V 15.0Amp Glass passivited Bridge Rectifiers
S10GBU20-C SECOS-S10GBU20-C Datasheet
238Kb / 2P
   Voltage 200V ~800V 100Amp Glass Passivited Bridge Rectifers
S2KBP20-C SECOS-S2KBP20-C_17 Datasheet
225Kb / 2P
   2.0 Amp Glass Passivited Bridge Rectifiers
S2KBP20-C SECOS-S2KBP20-C Datasheet
226Kb / 2P
   2.0 Amp Glass Passivited Bridge Rectifiers
S2GBL20 SECOS-S2GBL20_15 Datasheet
197Kb / 2P
   2.0 Amp Glass Passivited Bridge Rectifiers
S2GBL20-C SECOS-S2GBL20-C Datasheet
197Kb / 2P
   Voltge 200V~800V2.0 Amp Glass Passivited Bridge Rectifiers
More results



Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com