Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA1H0165RN Datasheet (PDF) - Fairchild Semiconductor

KA1H0165RN Datasheet PDF - Fairchild Semiconductor
Part # KA1H0165RN
Download  KA1H0165RN Download

File Size   103.12 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(FPS)

KA1H0165RN Datasheet (PDF)

Go To PDF Page Download Datasheet
KA1H0165RN Datasheet PDF - Fairchild Semiconductor

Part # KA1H0165RN
Download  KA1H0165RN Click to download

File Size   103.12 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(FPS)

KA1H0165RN Datasheet (HTML) - Fairchild Semiconductor

Back Button KA1H0165RN Datasheet HTML 1Page - Fairchild Semiconductor KA1H0165RN Datasheet HTML 2Page - Fairchild Semiconductor KA1H0165RN Datasheet HTML 3Page - Fairchild Semiconductor KA1H0165RN Datasheet HTML 4Page - Fairchild Semiconductor KA1H0165RN Datasheet HTML 5Page - Fairchild Semiconductor KA1H0165RN Datasheet HTML 6Page - Fairchild Semiconductor KA1H0165RN Datasheet HTML 7Page - Fairchild Semiconductor KA1H0165RN Datasheet HTML 8Page - Fairchild Semiconductor KA1H0165RN Datasheet HTML 9Page - Fairchild Semiconductor KA1H0165RN Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA1H0165RN Product details

Description
The Fairchild Power Switch(FPS) product family is specially designed for an off line SMPS with minimal external components. The Fairchild Power Switch(FPS) consist of high voltage power SenseFET and current mode PWM controller IC. PWM controller features integrated fixed oscillator, under voltage lock out, leading edge blanking, optimized gate turn-on/turn-off driver, thermal shut down protection, over voltage protection, temperature compensated precision current sources for loop compensation and fault protection circuit compared to discrete MOSFET and controller or RCC switching converter solution The Fairchild Power Switch(FPS) can reduce total component count, design size, weight and at the same time increase & efficiency, productivity, and system reliability. It has a basic platform well suited for cost effective design in either a flyback converter or a forward converter.

Features
• Precision Fixed Operating Frequency (100kHz)
• Pulse by Pulse Over Current Limiting
• Over Load Protection
• Over Voltage Protection (Min. 23V)
• Internal Thermal Shutdown Function
• Under Voltage Lockout
• Internal High Voltage Sense FET
• Auto Restart Mode




Similar Part No. - KA1H0165RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1H0265 FAIRCHILD-KA1H0265 Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0265R-TU FAIRCHILD-KA1H0265R-TU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0265R-YDTU FAIRCHILD-KA1H0265R-YDTU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0265RTU FAIRCHILD-KA1H0265RTU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1H0265RYDTU FAIRCHILD-KA1H0265RYDTU Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
More results


Similar Description - KA1H0165RN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com