Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA1M0280RB Datasheet (PDF) - Fairchild Semiconductor

KA1M0280RB Datasheet PDF - Fairchild Semiconductor
Part # KA1M0280RB
Download  KA1M0280RB Download

File Size   91.68 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(FPS)

KA1M0280RB Datasheet (PDF)

Go To PDF Page Download Datasheet
KA1M0280RB Datasheet PDF - Fairchild Semiconductor

Part # KA1M0280RB
Download  KA1M0280RB Click to download

File Size   91.68 Kbytes
Page   10 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Fairchild Power Switch(FPS)

KA1M0280RB Datasheet (HTML) - Fairchild Semiconductor

KA1M0280RB Datasheet HTML 1Page - Fairchild Semiconductor KA1M0280RB Datasheet HTML 2Page - Fairchild Semiconductor KA1M0280RB Datasheet HTML 3Page - Fairchild Semiconductor KA1M0280RB Datasheet HTML 4Page - Fairchild Semiconductor KA1M0280RB Datasheet HTML 5Page - Fairchild Semiconductor KA1M0280RB Datasheet HTML 6Page - Fairchild Semiconductor KA1M0280RB Datasheet HTML 7Page - Fairchild Semiconductor KA1M0280RB Datasheet HTML 8Page - Fairchild Semiconductor KA1M0280RB Datasheet HTML 9Page - Fairchild Semiconductor KA1M0280RB Datasheet HTML 10Page - Fairchild Semiconductor

KA1M0280RB Product details

Description

The Fairchild Power Switch(FPS) product family is specially designed for an off line SMPS with minimal external components. The Fairchild Power Switch(FPS) consist of high voltage power SenseFET and current mode PWM controller IC. PWM controller features integrated fixed oscillator, under voltage lock out, leading edge blanking, optimized gate turn-on/turn-off driver, thermal shut down protection, over voltage protection, temperature compensated precision current sources for loop compensation and fault protection circuit.



Features

• Precision Fixed Operating Frequency

• KA1M0280RB (67kHz) , KA1H0280RB (100kHz)

• Pulse by Pulse Over Current Limiting

• Over Load Protection

• Over Voltage Protection (Min. 23V)

• Internal Thermal Shutdown Function

• Under Voltage Lockout

• Internal High Voltage Sense FET

• Auto Restart



 




Similar Part No. - KA1M0280RB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0280R FAIRCHILD-KA1M0280R Datasheet
99Kb / 8P
   SPS
More results


Similar Description - KA1M0280RB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA1M0565RYDTU FAIRCHILD-KA1M0565RYDTU Datasheet
94Kb / 10P
   Fairchild Power Switch(FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com