Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA2803B Datasheet (PDF) - Fairchild Semiconductor

KA2803B Datasheet PDF - Fairchild Semiconductor
Part # KA2803B
Download  KA2803B Download
File Size   147.33 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Earth Leakage Detector

KA2803B Datasheet (PDF)

Go To PDF Page Download Datasheet
KA2803B Datasheet PDF - Fairchild Semiconductor

Part # KA2803B
Download  KA2803B Click to download

File Size   147.33 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Earth Leakage Detector

KA2803B Datasheet (HTML) - Fairchild Semiconductor


KA2803B Product details

Description
The KA2803B is designed for use in earth leakage circuit interrupters, for stable operation of the AC line in breakers. The input of the differential amplifier is connected to the secondary coil of ZCT(Zero Current Transformer). The amplified output of differential amplifier is integrated at external capacitor to gain adequate time delay that is specified in KSC4613. The level comparator generates high level when earth leakage current is greater than the fixed level.
   
Features
• Low Power Consumption PD =5mW, 100V/200V
• Built-in Voltage Regulator
• High Gain Differential Amplifier
• 0.4mA Output Current Pulse to Trigger SCR S
• Low External Part Count
• DIP Package (8-DIP), High Packing Density
• High Noise Immunity, Large Surge Margin
• Super Temperature Characteristic of Input Sensitivity
• Wide Operating Temperature Range (TA = -25°C ~
    +80°C)
• Operation from 12 to 20V Input
   
Functions
• Differential Amplifier
• Level Comparator
• Latch Circuit
   




Similar Part No. - KA2803B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KA2803B ONSEMI-KA2803B Datasheet
1Mb / 13P
Earth Leakage Detector
January 2014 Rev. 1.0.8
KA2803B ONSEMI-KA2803B Datasheet
833Kb / 13P
Earth Leakage Detector
August, 2020 ??Rev. 7
logo
Fairchild Semiconductor
KA2803BD FAIRCHILD-KA2803BD_11 Datasheet
690Kb / 11P
Earth Leakage Detector
KA2803B FAIRCHILD-KA2803B_11 Datasheet
690Kb / 11P
Earth Leakage Detector
More results


Similar Description - KA2803B

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M54125L MITSUBISHI-M54125L Datasheet
146Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
Fairchild Semiconductor
KA2807 FAIRCHILD-KA2807 Datasheet
47Kb / 6P
Earth Leakage Detector
logo
Renesas Technology Corp
M54125L RENESAS-M54125L Datasheet
262Kb / 11P
Earth Leakage Current Detector
M54134FP RENESAS-M54134FP Datasheet
171Kb / 18P
Earth Leakage Current Detector
logo
Fairchild Semiconductor
KA2803B FAIRCHILD-KA2803B_11 Datasheet
690Kb / 11P
Earth Leakage Detector
logo
ON Semiconductor
KA2803B ONSEMI-KA2803B Datasheet
1Mb / 13P
Earth Leakage Detector
January 2014 Rev. 1.0.8
logo
Unisonic Technologies
M54134 UTC-M54134_16 Datasheet
273Kb / 7P
EARTH LEAKAGE CURRENT DETECTOR
logo
First Silicon Co., Ltd
CC54123P FS-CC54123P Datasheet
674Kb / 7P
Earth Leakage Detector
FA2803P FS-FA2803P Datasheet
611Kb / 7P
Earth Leakage Detector
logo
ON Semiconductor
KA2803 ONSEMI-KA2803 Datasheet
833Kb / 13P
Earth Leakage Detector
August, 2020 ??Rev. 7
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com