Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA339 Datasheet (PDF) - Fairchild Semiconductor

UA339 Datasheet PDF - Fairchild Semiconductor
Part # UA339
Download  UA339 Download

File Size   86.26 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Comparator

UA339 Datasheet (PDF)

Go To PDF Page Download Datasheet
UA339 Datasheet PDF - Fairchild Semiconductor

Part # UA339
Download  UA339 Click to download

File Size   86.26 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Quad Comparator

UA339 Datasheet (HTML) - Fairchild Semiconductor

UA339 Datasheet HTML 1Page - Fairchild Semiconductor UA339 Datasheet HTML 2Page - Fairchild Semiconductor UA339 Datasheet HTML 3Page - Fairchild Semiconductor UA339 Datasheet HTML 4Page - Fairchild Semiconductor UA339 Datasheet HTML 5Page - Fairchild Semiconductor UA339 Datasheet HTML 6Page - Fairchild Semiconductor UA339 Datasheet HTML 7Page - Fairchild Semiconductor UA339 Datasheet HTML 8Page - Fairchild Semiconductor

UA339 Product details

Description
The KA239/KA239A, KA339/KA339A, KA3302, KA2901 consist of four independent voltage comparators designed to operate from single power supply over a wide voltage range.

Features
• Single or Dual Supply Operation
• Wide Range of Supply Voltage
   KA239/KA239A, KA339/KA339A, KA2901 : 2 ~ 36V (or ±1 ~ ±18V)
   KA3302 : 2 ~ 28V (or ±1 ~ ±14V)
• Low Supply Current Drain 800µA Typ.
• Open Collector Outputs for Wired and Connectors
• Low Input Bias Current 25nA Typ.
• Low Input Offset Current ±2.3nA Typ.
• Low Input Offset Voltage ±1.4mV Typ.
• Input Common Mode Voltage Range Includes Ground.
• Low Output Saturation Voltage
• Output Compatible With TTL, DTL and MOS Logic System




Similar Part No. - UA339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UA308 ETC2-UA308 Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
UA308A ETC2-UA308A Datasheet
279Kb / 7P
   SUPER BETA OPERATIONAL AMPLIFIERS
logo
Carlo Gavazzi Holding A...
UA30CAD35NGM1TI CARLOGAVAZZI-UA30CAD35NGM1TI Datasheet
344Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output
UA30CAD35NGTI CARLOGAVAZZI-UA30CAD35NGTI Datasheet
344Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output
UA30CAD35NKM1TI CARLOGAVAZZI-UA30CAD35NKM1TI Datasheet
344Kb / 4P
   Ultrasonic Diffuse, Analogue and Digital Output
More results


Similar Description - UA339

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C909 NSC-MM54C909 Datasheet
322Kb / 5P
   QUAD COMPARATOR
logo
Rohm
BA10339 ROHM-BA10339 Datasheet
52Kb / 4P
   Quad comparator
logo
Mitsubishi Electric Sem...
M51209P MITSUBISHI-M51209P Datasheet
163Kb / 6P
   QUAD COMPARATOR
M5234P MITSUBISHI-M5234P Datasheet
94Kb / 3P
   QUAD COMPARATOR
logo
Fairchild Semiconductor
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
   Quad Comparator
logo
ON Semiconductor
KA339 ONSEMI-KA339 Datasheet
207Kb / 10P
   Quad Comparator
1/17/12 Rev. 1.0.5
logo
Renesas Technology Corp
M51924P RENESAS-M51924P Datasheet
1Mb / 5P
   QUAD COMPARATOR
logo
Ceramate Technical
CO339 CERAMATE-CO339 Datasheet
91Kb / 4P
   Quad Comparator
logo
Fairchild Semiconductor
KA339 FAIRCHILD-KA339_12 Datasheet
124Kb / 8P
   Quad Comparator
KA339DTF FAIRCHILD-KA339DTF Datasheet
124Kb / 8P
   Quad Comparator
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com