Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3082 Datasheet (PDF) - Fairchild Semiconductor

KA3082 Datasheet PDF - Fairchild Semiconductor
Part # KA3082
Download  KA3082 Download

File Size   109.31 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Bi-Directional DC Motor Driver

KA3082 Datasheet (PDF)

Go To PDF Page Download Datasheet
KA3082 Datasheet PDF - Fairchild Semiconductor

Part # KA3082
Download  KA3082 Click to download

File Size   109.31 Kbytes
Page   12 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Bi-Directional DC Motor Driver

KA3082 Datasheet (HTML) - Fairchild Semiconductor

Back Button KA3082 Datasheet HTML 1Page - Fairchild Semiconductor KA3082 Datasheet HTML 2Page - Fairchild Semiconductor KA3082 Datasheet HTML 3Page - Fairchild Semiconductor KA3082 Datasheet HTML 4Page - Fairchild Semiconductor KA3082 Datasheet HTML 5Page - Fairchild Semiconductor KA3082 Datasheet HTML 6Page - Fairchild Semiconductor KA3082 Datasheet HTML 7Page - Fairchild Semiconductor KA3082 Datasheet HTML 8Page - Fairchild Semiconductor KA3082 Datasheet HTML 9Page - Fairchild Semiconductor KA3082 Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA3082 Product details

Description

The KA3082 is a monolithic integrated circuit designed for driving bi-directional DC motor with braking and speed control, and it is suitable for the loading motor driver of VCR, CDP, and TOY systems. The speed control can be achieved by adjusting the external voltage of the speed control pin. It has two pins of logic inputs for controlling the forward/ reverse and braking.



Features

• Built-in Brake Function for Stable Brake Characteristics.

• Built-in Element to Absorb a Surge Current Derived From Changing Motor Direction and Braking Motor Drive.

• Motor Speed Control by an External Voltage.

• Stable Motor Direction Change.

• Interfaces With CMOS Devices.

• Built-in the Thermal Shut Down Circuit (165°C).

• Low Standby Current. (6.5mA)



Target Applications

• Video Cassette Recorder (VCR) Loading Motor

• Low Current DC Motor Such as Audio or Video Equipment.

• General DC Motor




Similar Part No. - KA3082

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KA3082 ETC2-KA3082 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Fairchild Semiconductor
KA3082N FAIRCHILD-KA3082N Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
More results


Similar Description - KA3082

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA3084D FAIRCHILD-KA3084D Datasheet
261Kb / 14P
   Bi-Directional DC Motor Driver
FAN8082 FAIRCHILD-FAN8082 Datasheet
90Kb / 12P
   Bi-directional DC Motor Driver
logo
Interpion semiconductor
IP8082BL INTERPION-IP8082BL Datasheet
186Kb / 7P
   Bi-directional DC Motor Driver
JAN 2007
logo
Fairchild Semiconductor
KA8301L FAIRCHILD-KA8301L Datasheet
399Kb / 12P
   Bi-Directional DC Motor Driver
KA8301 FAIRCHILD-KA8301 Datasheet
393Kb / 13P
   Bi-Directional DC Motor Driver
FAN8082D FAIRCHILD-FAN8082D Datasheet
95Kb / 12P
   Bi-directional DC Motor Driver
logo
Elite Enterprises (H.K....
EMD811 ELITE-EMD811 Datasheet
98Kb / 3P
   BI-DIRECTIONAL DC MOTOR DRIVER
logo
List of Unclassifed Man...
AT5608 ETC-AT5608 Datasheet
206Kb / 7P
   Bi-directional Motor Driver
logo
Aimtron Technology
AT5609 AIMTRON-AT5609 Datasheet
174Kb / 5P
   Bi-directional Motor Driver
logo
Mitsubishi Electric Sem...
M54542L MITSUBISHI-M54542L Datasheet
149Kb / 3P
   BI-DIRECTIONAL MOTOR DRIVER
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com