Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL2111 Datasheet (PDF) - Intersil Corporation

ISL2111 Datasheet PDF - Intersil Corporation
Part # ISL2111
Download  ISL2111 Download

File Size   307.98 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100V, 3A/4A Peak, High Frequency Half-Bridge Drivers

ISL2111 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL2111 Datasheet PDF - Intersil Corporation

Part # ISL2111
Download  ISL2111 Click to download

File Size   307.98 Kbytes
Page   13 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 100V, 3A/4A Peak, High Frequency Half-Bridge Drivers

ISL2111 Datasheet (HTML) - Intersil Corporation

Back Button ISL2111 Datasheet HTML 1Page - Intersil Corporation ISL2111 Datasheet HTML 2Page - Intersil Corporation ISL2111 Datasheet HTML 3Page - Intersil Corporation ISL2111 Datasheet HTML 4Page - Intersil Corporation ISL2111 Datasheet HTML 5Page - Intersil Corporation ISL2111 Datasheet HTML 6Page - Intersil Corporation ISL2111 Datasheet HTML 7Page - Intersil Corporation ISL2111 Datasheet HTML 8Page - Intersil Corporation ISL2111 Datasheet HTML 9Page - Intersil Corporation ISL2111 Datasheet HTML 10Page - Intersil Corporation Next Button 

ISL2111 Product details

100V, 3A/4A Peak, High Frequency Half-Bridge Drivers

The ISL2110, ISL2111 are 100V, high frequency, half-bridge N-Channel power MOSFET driver ICs. They are based on the popular HIP2100, HIP2101 half-bridge drivers, but offer several performance improvements. Peak output pull-up/pull-down current has been increased to 3A/4A, which significantly reduces switching power losses and eliminates the need for external totem-pole buffers in many applications. Also, the low end of the VDD operational supply range has been extended to 8VDC. The ISL2110 has additional input hysteresis for superior operation in noisy environments and the inputs of the ISL2111, like those of the ISL2110, can now safely swing to the VDD supply rail.

Features
• Drives N-Channel MOSFET Half-Bridge
• SOIC, DFN and TDFN Package Options
• SOIC, DFN and TDFN Packages Compliant with 100V Conductor Spacing Guidelines per IPC-2221
• Pb-Free (RoHS Compliant)
• Bootstrap Supply Max Voltage to 114VDC
• On-Chip 1W Bootstrap Diode
• Fast Propagation Times for Multi-MHz Circuits
• Drives 1nF Load with Typical Rise/Fall Times of 9ns/7.5ns
• CMOS Compatible Input Thresholds (ISL2110)
• 3.3V/TTL Compatible Input Thresholds (ISL2111)
• Independent Inputs Provide Flexibility
• No Start-Up Problems
• Outputs Unaffected by Supply Glitches, HS Ringing Below Ground or HS Slewing at High dv/dt
• Low Power Consumption
• Wide Supply Voltage Range (8V to 14V)
• Supply Undervoltage Protection
• 1.6W/1W Typical Output Pull-Up/Pull-Down Resistance

Applications
• Telecom Half-Bridge DC/DC Converters
• Telecom Full-Bridge DC/DC Converters
• Two-Switch Forward Converters
• Active-Clamp Forward Converters
• Class-D Audio Amplifiers




Similar Part No. - ISL2111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL2111 INTERSIL-ISL2111 Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2111ABZ INTERSIL-ISL2111ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Renesas Technology Corp
ISL2111ABZ RENESAS-ISL2111ABZ Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2111AR4Z INTERSIL-ISL2111AR4Z Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
logo
Renesas Technology Corp
ISL2111AR4Z RENESAS-ISL2111AR4Z Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
More results


Similar Description - ISL2111

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL2110 RENESAS-ISL2110 Datasheet
768Kb / 15P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL2110ABZ INTERSIL-ISL2110ABZ Datasheet
305Kb / 13P
   100V, 3A/4A Peak, High Frequency Half-Bridge Drivers
March 8, 2012
ISL2100AAR3Z-T INTERSIL-ISL2100AAR3Z-T Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL89400 RENESAS-ISL89400 Datasheet
614Kb / 12P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400 INTERSIL-ISL89400 Datasheet
249Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
logo
Renesas Technology Corp
ISL2100A RENESAS-ISL2100A Datasheet
559Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
logo
Intersil Corporation
ISL89400AR3Z INTERSIL-ISL89400AR3Z Datasheet
250Kb / 11P
   100V, 1.25A Peak, High Frequency Half-Bridge Drivers
August 11, 2009
ISL2100A INTERSIL-ISL2100A Datasheet
258Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
ISL2100AAR3Z INTERSIL-ISL2100AAR3Z Datasheet
255Kb / 11P
   100V, 2A Peak, High Frequency Half-Bridge Drivers
May 6, 2010
logo
Monolithic Power System...
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com