Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA7915A Datasheet (PDF) - Fairchild Semiconductor

KA7915A Datasheet PDF - Fairchild Semiconductor
Part # KA7915A
Download  KA7915A Download

File Size   121.37 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 1A Negative Voltage Regulator

KA7915A Datasheet (PDF)

Go To PDF Page Download Datasheet
KA7915A Datasheet PDF - Fairchild Semiconductor

Part # KA7915A
Download  KA7915A Click to download

File Size   121.37 Kbytes
Page   18 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description 3-Terminal 1A Negative Voltage Regulator

KA7915A Datasheet (HTML) - Fairchild Semiconductor

Back Button KA7915A Datasheet HTML 1Page - Fairchild Semiconductor KA7915A Datasheet HTML 2Page - Fairchild Semiconductor KA7915A Datasheet HTML 3Page - Fairchild Semiconductor KA7915A Datasheet HTML 4Page - Fairchild Semiconductor KA7915A Datasheet HTML 5Page - Fairchild Semiconductor KA7915A Datasheet HTML 6Page - Fairchild Semiconductor KA7915A Datasheet HTML 7Page - Fairchild Semiconductor KA7915A Datasheet HTML 8Page - Fairchild Semiconductor KA7915A Datasheet HTML 9Page - Fairchild Semiconductor KA7915A Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

KA7915A Product details

3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS

The MC79XX series of three-terminal negative regulators are available in TO-220 package and with several fixed output voltages, making them useful in a wide range of applications. Each type employs internal current limiting, thermal shut-down and safe area protection, making it essentially indestructible.

FEATURES
• Output Current in Excess of 1A
• Output Voltages of -5, -6, -8, -12, -15, -18, -24V
• Internal Thermal Overload Protection
• Short Circuit Protection
• Output Transistor Safe-Area Compensation




Similar Part No. - KA7915A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7915ATU FAIRCHILD-KA7915ATU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
KA7915ATU FAIRCHILD-KA7915ATU Datasheet
286Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
KA7915ATU FAIRCHILD-KA7915ATU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results


Similar Description - KA7915A

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
LM7915J TGS-LM7915J_17 Datasheet
330Kb / 1P
   3-Terminal 1A Negative Voltage Regulator
logo
Fairchild Semiconductor
MC79XX FAIRCHILD-MC79XX_02 Datasheet
119Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
LM79XX UTC-LM79XX_08 Datasheet
218Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_11 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
UTCLM79XX UTC-UTCLM79XX Datasheet
70Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
LM79XX UTC-LM79XX_15 Datasheet
238Kb / 8P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79DXXA UTC-79DXXA_V01 Datasheet
329Kb / 9P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
79TXXA UTC-79TXXA_V01 Datasheet
226Kb / 6P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM7905 FAIRCHILD-LM7905 Datasheet
117Kb / 18P
   3-Terminal 1A Negative Voltage Regulator
logo
Unisonic Technologies
79TXXA UTC-79TXXA_15 Datasheet
216Kb / 7P
   3 TERMINAL 1A NEGATIVE VOLTAGE REGULATOR
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com